Electronic Components Datasheet Search
  English  ▼

X  

AB05 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AB05
Description  Connectors Business Unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AB05 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AB05 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Market Segments
Land based military
Communications
Industrial
Applications
Basic military junction boxes to complex systems
Radio, power and communication
Soldier equipment
Instrumentation
Monitoring equipment / data logging
Factory automation
Oil and gas
Utilities
Features
Mil-C-26482 Series 1 style, conforms to BS 9522 F 00017, CECC 75201003
Miniature 3 pin bayonet lock (also push-pull types)
Polychloroprene inserts, -55°C to + 125°C
1 to 61 contacts, 7.5 to 13amps.
Up to 5 shell to shell key options are available, to prevent mis-mating
Insert orientations available upon request to match existing MIL-DTL-26482 types
Option to use crimp contacts
Our advantage
Product produced at UK and USA manufacturing sites, improving availability and aftersales support
Ease of assembly and increased application flexibility with crimp removable contacts
BS9522 F0017 design advantages
Serrations at rear of connector shells offers improved grounding and backshell location
Additional polarisation using keyways rather than only insert rotations, which avoids damaging
contacts if mis-mated
Plug can have the addition of grounding fingers for improved RFI shielding
Optional course ribbed coupling nut to ease operator handling
Fast Facts
Connectors
Business Unit
AB05, BS9522 F0017 DESIGN, MIL-DTL-26482 SERIES 1
This British Standard version offers additional design advantages to the MIL-DTL-26482 Series 1 connector type.
An economic, lightweight solution for use in a broad range of military, industrial and commercial applications.
These connectors feature 3 pin bayonet coupling or an alternative “push-pull” version in shell sizes 10 and 12 for quick
release applications.
© Copyright TT electronics, 2012. All rights reserved. Subject to change without prior notification. Issue: 2012.1
www.ttelectronics.com


Similar Part No. - AB05

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
LUXEON짰 Power Light Sources
logo
FIBOX Enclosing innovat...
AB050504 FIBOX-AB050504 Datasheet
68Kb / 2P
Enclosure, ABS
12.01.2023
AB050705 FIBOX-AB050705 Datasheet
451Kb / 2P
Enclosure, ABS
12.01.2023
logo
Comchip Technology
AB05100WS-HF COMCHIP-AB05100WS-HF Datasheet
474Kb / 5P
Schottky Barrier Rectifier
REV:A
logo
Dc Components
AB05F DCCOM-AB05F Datasheet
35Kb / 2P
RECTIFIER SPECIALISTS
More results

Similar Description - AB05

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
BR1225AFA PANASONIC-BR1225AFA Datasheet
21Kb / 1P
Lithium and Micro Battery Business Unit
BR1225AHB PANASONIC-BR1225AHB Datasheet
23Kb / 1P
Lithium and Micro Battery Business Unit
BR2330AFA PANASONIC-BR2330AFA Datasheet
21Kb / 1P
Lithium and Micro Battery Business Unit
BR2330AGA PANASONIC-BR2330AGA Datasheet
20Kb / 1P
Lithium and Micro Battery Business Unit
BR2330AHD PANASONIC-BR2330AHD Datasheet
20Kb / 1P
Lithium and Micro Battery Business Unit
BR2330AVA PANASONIC-BR2330AVA Datasheet
19Kb / 1P
Lithium and Micro Battery Business Unit
BR2477AFB PANASONIC-BR2477AFB Datasheet
19Kb / 1P
Lithium and Micro Battery Business Unit
BR2477AGA PANASONIC-BR2477AGA Datasheet
20Kb / 1P
Lithium and Micro Battery Business Unit
BR2477AVA PANASONIC-BR2477AVA Datasheet
19Kb / 1P
Lithium and Micro Battery Business Unit
logo
List of Unclassifed Man...
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
Connectors Business Unit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com