Electronic Components Datasheet Search
  English  ▼

X  

EM01A Datasheet(PDF) 3 Page - Sanken electric

Part # EM01A
Description  Silicon Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EM01A Datasheet(HTML) 3 Page - Sanken electric

  EM01A Datasheet HTML 1Page - Sanken electric EM01A Datasheet HTML 2Page - Sanken electric EM01A Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SANKEN ELECTRIC CO., LTD.
EM01A
040818
3/3
61426-01
7 Package information
7-1 Package type, physical dimensions and material
※1 The allowance position of Body against the center of whole lead wire is 0.5mm(max.)
※2 The centric allowance of lead wire against center of physical body is 0.2mm(max.)
※3 The burr may exit up to 2mm from the body of lead
7-2 Appearance
The body shall be clean and shall not bear any stain, rust or flaw.
7-3 Marking
① Type number M0 as abbreviated of EM01A
② Class number:A
③ Lot number
A:Last digit of calendar year
B:Month (From 1 to 9 for Jan. to Sep. O for Oct. N for Nov. D for
Dec.)
④Ten days (・first ten days,・・second ten days,…third ten days)
The type No. VRM rank and Lot No. are to be marked in white.
Dimensions in mm
5.0
} 0.2
62.3 
} 0.7

¦ 1

¦ 2

¦ 3
Cathode Mark



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com