Electronic Components Datasheet Search
  English  ▼

X  

EM01Z Datasheet(PDF) 2 Page - Sanken electric

Part # EM01Z
Description  Silicon Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EM01Z Datasheet(HTML) 2 Page - Sanken electric

  EM01Z Datasheet HTML 1Page - Sanken electric EM01Z Datasheet HTML 2Page - Sanken electric EM01Z Datasheet HTML 3Page - Sanken electric EM01Z Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
EM01Z
‘031111
2/4
61426-01
4 Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
250
2
Peak Reverse Voltage
VRM
V
200
3
Average Forward Current
IF(AV)
A
1.0
Refer to Derating of 7
4
Peak Surge Forward Current
IFSM
A
45
10ms.
Half sinewave, one shot
5
I
2t Limiting Value
I
2t
A
2s
10
1ms ≤ t ≤ 10ms
6
Junction Temperature
Tj
°C
-40 to +150
7
Storage Temperature
Tstg
°C
-40 to +150
5 Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.97 max.
IF=1.0A
2
Reverse Leakage Current
IR
uA
10 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
uA
50 max.
VR=VRM, Tj=100°C
4
Thermal Resistance
Rth(j-l)
°C /W
20 max.
Between Junction and Lead



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com