Electronic Components Datasheet Search
  English  ▼

X  

EM1 Datasheet(PDF) 1 Page - Sanken electric

Part # EM1
Description  Silicon Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EM1 Datasheet(HTML) 1 Page - Sanken electric

  EM1 Datasheet HTML 1Page - Sanken electric EM1 Datasheet HTML 2Page - Sanken electric EM1 Datasheet HTML 3Page - Sanken electric EM1 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
EM1
041026
1/4
61426-01
1 Scope
The present specifications shall apply to an EM1.
2 Outline
Type
Silicon Diode
Structure
Resin Molded
Applications
Commercial Frequency Rectification
3 Flammability
UL94V-0(Equivalent)
4 Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
450
2
Peak Reverse Voltage
VRM
V
400
3
Average Forward Current
IF(AV)
A
1.0
Refer to Derating curve
in Section 7
4
Peak Surge Forward Current
IFSM
A
45
10ms.
Half sine wave, one shot
5
I
2t Limiting Value
I
2t
A
2s
10.1
1ms≦t≦10ms
6
Junction Temperature
Tj
°C
-40 to +150
7
Storage Temperature
Tstg
°C
-40 to +150
5 Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Rating
Conditions
1
Forward Voltage Drop
VF
V
0.97 max.
IF=1.0A
2
Reverse Leakage Current
IR
µA
10 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
µA
500 max.
VR=VRM, Tj=150°C
4
Thermal Resistance
Rth(j-l)
°C/W
17 max.
Between Junction and Lead


Similar Part No. - EM1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EM1 SANKEN-EM1 Datasheet
23Kb / 1P
Rectifier Diodes
EM1 SANKEN-EM1 Datasheet
23Kb / 1P
Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EM1 BILIN-EM1 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
logo
NEC
EM1 NEC-EM1 Datasheet
926Kb / 7P
Miniature Relays
logo
Shenzhen Luguang Electr...
EM1 LUGUANG-EM1 Datasheet
174Kb / 2P
Plastic Silicon Rectifiers
More results

Similar Description - EM1

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
SILICON DIODE
logo
Sanken electric
EG01C SANKEN-EG01C Datasheet
137Kb / 4P
Silicon Diode
EM1A SANKEN-EM1A Datasheet
169Kb / 4P
Silicon Diode
EM1B SANKEN-EM1B Datasheet
179Kb / 4P
Silicon Diode
EM2 SANKEN-EM2 Datasheet
183Kb / 3P
Silicon Diode
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
Silicon Diode
logo
Unisonic Technologies
FCU20U20 UTC-FCU20U20 Datasheet
101Kb / 3P
SILICON DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com