Electronic Components Datasheet Search
  English  ▼

X  

RG1A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RG1A
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RG1A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RG1A Datasheet HTML 6Page - Renesas Technology Corp RG1A Datasheet HTML 7Page - Renesas Technology Corp RG1A Datasheet HTML 8Page - Renesas Technology Corp RG1A Datasheet HTML 9Page - Renesas Technology Corp RG1A Datasheet HTML 10Page - Renesas Technology Corp RG1A Datasheet HTML 11Page - Renesas Technology Corp RG1A Datasheet HTML 12Page - Renesas Technology Corp RG1A Datasheet HTML 13Page - Renesas Technology Corp RG1A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
RL78 Family
Chapter 2
EEPROM Emulation
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 10 of 53
Mar. 28, 2014
Item
EEL Pack01
EEL
User data length
1 to 255
1 to 255
Amount of stored user data Note 1
1 to 255
1 to 64
Data ID range
1 to 255
1 to 64
Number of EEPROM emulation blocks Note 2
4 to 255
3 to 255
Recommended user data size Note 1
980 x total number of blocks
x 1/4 - 980/2 bytes
1014/2 bytes
Enforce mode and TimeOut mode
Supported
Not supported
Back ground maintenance processing
Supported
Not supported
Data ID number
Can be set arbitrarily
Cannot be set arbitrarily
Auto-checksum for data
Supported
Not supported
Note1: The total size of user data must be within 1/2 of each block when all user data are written to an EEL
block. Therefore, the range used for the number of stored user data items differs depending on the size
of the stored user data. It is also necessary to consider the size of the reference data provided for each
data item for management use when determining the total size. For details about the number of stored
user data items and total size, see 4.2 Number of stored user data items and total user data size.
Note 2: EEL blocks cannot be set more than maximum number of blocks of on-board data flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com