Electronic Components Datasheet Search
  English  ▼

X  

P1482 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1482
Description  2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1482 Datasheet(HTML) 1 Page - Unisonic Technologies

  P1482 Datasheet HTML 1Page - Unisonic Technologies P1482 Datasheet HTML 2Page - Unisonic Technologies P1482 Datasheet HTML 3Page - Unisonic Technologies P1482 Datasheet HTML 4Page - Unisonic Technologies P1482 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1482
LINEAR INTEGRATED CIRCUIT
2A, 23V, 340KHZ
SYNCHRONOUS RECTIFIED
STEP-DOWN CONVERTER
DESCRIPTION
The UTC P1482 is a synchronous buck regulator. The device
provides 2A of continuous load current over a wide input voltage
of 6V~24V. Current mode control provides fast transient response
and cycle-bycycle current limit. An adjustable soft-start prevents
inrush current at turn-on.
The UTC P1482 can provide low-ripple power, high efficiency,
and perfect transient characteristics. The duty ratio varies linearly
from 0% to 92% in the PWM control. The error amplifier circuit
and soft-start circuit included in this device can prevent overshoot
at startup. An enable function, an over current protect (OCP)
function and short circuit protect (SCP) are also build inside, and
when OCP happens, the operation frequency will be reduced.
FEATURES
* 2A Output Current
* Wide 6V~23V Operating Input Range
* Integrated Power MOSFET Switches
* Programmable Soft-Start
* Stable with Low ESR Ceramic Output Capacitors
* Fixed 340KHz Frequency
* Cycle-by-Cycle Over Current Protection
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
P1482L-S08-R
P1482G-S08-R
SOP-8
Tape Reel
P1482L-S08-T
P1482G-S08-T
SOP-8
Tube
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-057.E


Similar Part No. - P1482

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
233Kb / 5P
SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1482A UTC-P1482A Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
239Kb / 5P
Programmable Soft-Start
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1482AL-SH2-R UTC-P1482AL-SH2-R Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results

Similar Description - P1482

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2309 MPS-MP2309 Datasheet
337Kb / 10P
1A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Feeling Technology Corp...
FP6188 FEELING-FP6188 Datasheet
620Kb / 11P
2A, 23V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com