Electronic Components Datasheet Search
  English  ▼

X  

78K0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 78K0
Description  E1 Emulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

78K0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  78K0 Datasheet HTML 1Page - Renesas Technology Corp 78K0 Datasheet HTML 2Page - Renesas Technology Corp 78K0 Datasheet HTML 3Page - Renesas Technology Corp 78K0 Datasheet HTML 4Page - Renesas Technology Corp 78K0 Datasheet HTML 5Page - Renesas Technology Corp 78K0 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
On-chip Debuggers Performance Property
MINICUBE2
◆As for debugging function information of other emulators, visit each product's page from the following URL.
http://www.renesas.com/emulator_lineups
■MINICUBE2 Debugging Function
Family
Series/ Core
Group
Hardware Break
Software
Break
Forcible break
2 points *1
(Shared by an execution and access)
ROM area:
4 points
RAM area:
2000 points
Supported *2
Before-execution break : 4 points
Access break :
4 points
* Sequential breaks are specifiable.
ROM area:
8 points
RAM area:
2000 points
Supported
1 point
(Shared by an execution and access)
2000 points
Supported
Pseudo-Real RAM Monitor
(RRM) : Supported
Supported
Measurement resolution:
100μs
Max. measurement time:
Approx. 100 hours
Before-execution break : 1 point
(Not supported when software breaks are used)
Access break :
1 point
2000 points
Supported
Pseudo-Real RAM Monitor
(RRM) : Supported
Supported
Measurement resolution:
100μs
Max. measurement time:
Approx. 100 hours
Not supported
2000 points
Supported
(Not supported while
interrupts are inhibited )
Not supported
Not supported
Measurement resolution:
100μs
Max. measurement time:
Approx. 100 hours
* The information provided only applies to MCUs where we have been able to confirm the specifications of the
emulator.
This includes MCUs and emulator software that are under development. For more information on support for these
items as it becomes available, check our website at:
http://www.renesas.com/cubesuite+ > "Functions Supported by CubeSuite+"(PDF)
78K0R
78K0
78K0S
Notes:
*1. The following MCUs have not been supported yet: V850ES/KE2, V850ES/KF2, V850ES/KG2, μPD70F3733, and V850ES/IE2.
*2. A forcible break is not possible in the following states.
- Interrupts are inhibited (DI).
- Interrupts from the serial interface used for communications between MINICUBE2 and the target device are masked.
- The device is on standby and triggering of release from standby by makeable interrupts is disabled.
- The main clock is stopped while the UART is being used as the communications interface between MINICUBE2
and the target device.
V850E2M
V850E2S
Target MCU
V850
V850E1
V850ES
V850E2
DMM
(Rewriting memories
during RUN)
Time Measurement
(from the start of execution
to break)
Break Function
Measurement resolution:
100μs
Max. measurement time:
Approx. 100 hours
Supported
Supported
RAM Monitor
On-chip Debuggers Performance Property - page 3
★ New product ★★ Under development ☆ In planning
Renesas general tools catalog (Sep 2013)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com