Electronic Components Datasheet Search
  English  ▼

X  

RH850F1L Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RH850F1L
Description  E1/E20 Emulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850F1L Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RH850F1L Datasheet HTML 9Page - Renesas Technology Corp RH850F1L Datasheet HTML 10Page - Renesas Technology Corp RH850F1L Datasheet HTML 11Page - Renesas Technology Corp RH850F1L Datasheet HTML 12Page - Renesas Technology Corp RH850F1L Datasheet HTML 13Page - Renesas Technology Corp RH850F1L Datasheet HTML 14Page - Renesas Technology Corp RH850F1L Datasheet HTML 15Page - Renesas Technology Corp RH850F1L Datasheet HTML 16Page - Renesas Technology Corp RH850F1L Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
E1/E20 Emulator
3. Specifications
R20UT2452EJ0110 Rev.1.10
Page 13 of 21
Mar 20, 2014
3.
Specifications
Specifications are below table.
Large Item
Middle Item
Small Item
Specification
Hardware
Common
Target host machine
Computer equipped with a USB port
OS is due to the software tool.
User system interface
14-pin connector
Host machine interface
USB2.0 (Full speed/ High speed)
Connection to the user system
Connection by the provided user-system interface
cable
Power supply function (E1 Emulator used)
3.3 V or 5.0 V, set in software tool, can be supplied
to the user system(with current up to 200 mA).
Power supply for the emulator
No need (the host computer supplies power through
the USB)
Related
debugging
Break
Software break
ROM area :2000 points RAM area : Unavailable
Hardware break
12 points (commonly used by execution and access)
Forced break
Available
Event
Number of events
4 points (commonly used by execution and access)
Available function
Hardware break, Trace
Combination of events
OR, sequential
Trace
(Only when device with trace
function is used)
Size
Branch only: 2k to 4k branch
Data trace only: 1k~2k cycles
Trace data
Branch, Data access cycle
Start/Stop condition
From run to break, Event condition setting
Data trace condition
Event condition
Performance measurement
Measurement item
From run to break
Performance
32bit Counter(1 section)
Pseudo Real-time RAM monitor
Available Note1
Direct memory modification
Available Note1
Debugging console
Unavailable
Downloading to external flash memory
Available (Depends on Software)
Hot plug-in
Unavailable
IO break
Available Note2
Security
16-byte ID code authentication
Connection I/F
LPD4pin
Related
programming
Security setting
Available
Connection I/F
2wireUART, 1wireUART
Note1: Occupying a bus (Cycle steal).
Note2: The function to stop peripheral IO operation in the break is called peripheral break function.
Able to set whether to execute the peripheral break or not on emulator debugger.
Refer to the debugger manual in use for how to set.
Refer to the MCU manual in use for selecting whether to execute the peripheral break or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com