Electronic Components Datasheet Search
  English  ▼

X  

30-040 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 30-040
Description  3/16 (4.8mm) Plato Tips to fit Pace SX-65A SX-70 SODR-X-TRACTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

30-040 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  30-040 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3/16" (4.8mm) Plato® Tips to fit Pace®
SX-65A & SX-70 SODR-X-TRACTORS®
Pace®
Economy
Grade
Plato®
Economy
Grade
Pace®
Premium
Grade
Plato®
Premium
Grade
D1
D2
Plato® Tip
1121-
0505
30-0003
---
---
.030"
(0.8)
.075"
(2.9)
Plato® Economy Quality Tip
Plato® Premium Quality Tip
1121-
0494
30-0004
---
---
.040"
(1.0)
.085"
(2.2)
1121-
0506
30-000
---
---
.060"
(1.5)
.105"
(2.7)
1121-
0367
30-0300
1121-
0462*
30-030*
.030"
(0.8)
.065"
(1.7)
1121-
0342
30-040
1121-
0463*
30-040*
.040"
(1.0)
.085"
(2.2)
Premium Grade Tips
Iron plated outside and stainless steel
tube insert prevents erosion by
solder.
Economy Grade Tips
Economy Grade Tips do not have a
stainless
steel insert. They are made of
oxygen-free
high-conductivity copper, protected
inside
and outside to minimize corrosion by
solder.
*Indicates tips with a stainless steel
tube insert.
---
---
---
30-050*
.050"
(1.3)
.095"
(2.4)
1121-
0368
30-0600
1121-
0464*
30-060*
.060"
(1.5)
.115"
(2.9)
1121-
0507
30-0900
---
---
.090
(2.3)
.190"
(4.8)
1121-
0369
30-0060
1121-
0465*
30-
6000*
(Not
Shown)
.060"
(1.5)
.188"
(4.8)


Similar Part No. - 30-040

ManufacturerPart #DatasheetDescription
logo
Tensility International...
30-00003 TENSILITY-30-00003 Datasheet
346Kb / 2P
Wire, 2C, 24 AWG, UL2468, 300V, 80C, 3.6mm, VW-1, PVC, 65P
30-00004 TENSILITY-30-00004 Datasheet
345Kb / 2P
Wire, 1C, 18 AWG, UL1185, 300V, 80C, 3.4mm, shielded, VW-1, PVC, 60P
30-00005 TENSILITY-30-00005 Datasheet
386Kb / 2P
Wire, 2C, 24 AWG, 300V, 80C, 3.7 mm, shielded, PVC, 65P
30-00006 TENSILITY-30-00006 Datasheet
353Kb / 2P
Wire, 3C, 24 AWG, 300V, 80C, 3.4 mm, PVC, 65P
30-00007 TENSILITY-30-00007 Datasheet
373Kb / 2P
Wire, 2C, 18 AWG, UL2468, 300V, 80C, 4.4mm, VW-1, PVC, 48P
More results

Similar Description - 30-040

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
KU386 INTEL-KU386 Datasheet
1Mb / 102P
SX MICROPROCESSOR
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
SX-A Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
SX Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
SX-A Family FPGAs
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
SX-A Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
SX Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
SX Family FPGAs
logo
Intel Corporation
NG80386SXLP33 INTEL-NG80386SXLP33 Datasheet
1Mb / 102P
Intel386 SX MICROPROCESSOR
logo
Actel Corporation
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
SX Family FPGAs
logo
Sharma Electro Componen...
SX SHARMA-SX Datasheet
352Kb / 2P
SX Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com