Electronic Components Datasheet Search
  English  ▼

X  

2227MC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2227MC
Description  2227MC Series - IC Sockets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2227MC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2227MC Datasheet HTML 1Page - List of Unclassifed Manufacturers 2227MC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Jagan 04/11/09
04/11/09
18/11/09
Ramya
Farnell
RELEASED
2227MC - Series
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2009.
TOLERANCES:
DRAWN BY:
Jagan
Ramya
Farnell
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
2227MC Series - IC Sockets
1103831_DWG
M10002420
04/11/09
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 2
DWG NO.
ELECTRONIC FILE
REV
A
04/11/09
A
DATE:
18/11/09
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Dimensions : Millimetres
Specifications:
Current rating
: 1.0A ac, dc.
Maximum contact resistance
: 20m
Ω.
Minimum insulator resistance
: 1000M
Ω.
Dielectric withstanding voltage
: 1000V ac/minute.
Operating temperature
: -55°C to +125°C.
Material:
Insulator
: PBT.
Contacts
: Phosphor bronze.
Finish
: Tin plating.
Note1: With Middle Bar (18 - 64P)
Note2: With Out Middle Bar (6 - 16P)
PCB Layout


Similar Part No. - 2227MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2227 ETC2-2227 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
Keystone Electronics Co...
2227 KEYSTONE-2227 Datasheet
354Kb / 1P
INTERCONNECT BATTERY HOLDERS
31-07 20th
logo
Santronics Inc
2227 SCS-2227 Datasheet
730Kb / 2P
MAGSNAP 360™ DUAL-WIRE METAL EXPANSION WRISTBAND
August 2015
logo
Multicomp Pro
2227-20-03-07 MULTICOMP-2227-20-03-07 Datasheet
316Kb / 2P
IC Socket 2.54mm Series
27/08/20 V1.0
2227-40-06-05 MULTICOMP-2227-40-06-05 Datasheet
316Kb / 2P
IC Socket 2.54mm Series
27/08/20 V1.0
More results

Similar Description - 2227MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
Fits standard IC sockets
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
IC SOCKETS SINGLE & DUAL ROW SOCKETS
ICS-320-T ADAM-TECH-ICS-320-T Datasheet
104Kb / 1P
IC SOCKETS SINGLE & DUAL ROW .100 [2.54] CENTERLINE
logo
Dubilier
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32TP6 DUBILIER-DBCIC32TP6 Datasheet
121Kb / 1P
IC SOCKETS TURNED - PIN CONTACT
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR Datasheet
135Kb / 1P
IC SOCKETS PLCC
logo
Omron Electronics LLC
XR2 OMRON-XR2 Datasheet
1Mb / 14P
IC Sockets
logo
Dubilier
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32TP6 DUBILIER-DBCIC32TP6_11 Datasheet
216Kb / 1P
IC SOCKETS TURNED - PIN CONTACT
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
IC SOCKETS PLCC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com