Electronic Components Datasheet Search
  English  ▼

X  

186-012 Datasheet(PDF) 5 Page - Altech corporation

Part # 186-012
Description  TG88-6 ??ABS and Polycarbonate ??84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

186-012 Datasheet(HTML) 5 Page - Altech corporation

  186-012 Datasheet HTML 1Page - Altech corporation 186-012 Datasheet HTML 2Page - Altech corporation 186-012 Datasheet HTML 3Page - Altech corporation 186-012 Datasheet HTML 4Page - Altech corporation 186-012 Datasheet HTML 5Page - Altech corporation 186-012 Datasheet HTML 6Page - Altech corporation 186-012 Datasheet HTML 7Page - Altech corporation 186-012 Datasheet HTML 8Page - Altech corporation 186-012 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
46
TG1208-6 – ABS and Polycarbonate – 122 x 82 x 55 mm (4.80 x 3.23 x 2.17 in.)
Standard Features
• Protection Level:
IP67 (NEMA 4X)
• Technical:
Smooth Sidewalls
Gray or Tinted Transparent Cover
Standard or Quick Turn Screws
98 x 58 x 0.4 mm Recess in Cover
Integrated Cover Retainer
• UL Recognized
Enclosure Materials:
ABS or Polycarbonate
• Transparent Cover
Material:
Polycarbonate
• Gasket Material:
Polyurethane
• Color:
Light Gray
• Material
Temperature Range:
ABS
-40˚C to 80˚C (-40˚F to 176˚F)
Polycarbonate
-40˚C to 120˚C (-40˚F to 248˚F)
• Accessories:
See section below
TG
Ordering
Cat. No.
Cat. No.
Dimensions mm (in)
Std.
Information
w/ Standard Screws
w/ Quick Turn Screws
Type
Length
Width
Height
Pk.
ABS
Gray cover
100-404-91
100-404-01
TGABS1208-6-o
122 mm (4.80 in.)
82 mm (3.23 in.)
55 mm (2.17 in.)
1
Transparent cover
101-004-91
101-004-01
TGABS1208-6-to
122 mm (4.80 in.)
82 mm (3.23 in.)
55 mm (2.17 in.)
1
Polycarbonate
Gray cover
200-404-91
200-404-01
TGPC1208-6-o
122 mm (4.80 in.)
82 mm (3.23 in.)
55 mm (2.17 in.)
1
Transparent cover
201-004-91
201-004-01
TGPC1208-6-to
122 mm (4.80 in.)
82 mm (3.23 in.)
55 mm (2.17 in.)
1
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Mounting Plate (plastic)
186-004
TGMPI-1208
1
Mounting Plate (steel)
187-004
TGMPS-1208
1
DIN Rail – TS35-106
198-107
NS35-106/2
1
DIN Rail - TS15-106
197-107
TS15-106/2
1
Mounting Tab Kit
182-002
TGABL
1
Please refer to pages 136-140 additional accessories and detailed information
E208470
Polycarbonate with
standard screws Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com