Electronic Components Datasheet Search
  English  ▼

X  

20135 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 20135
Description  Wiha Insulated Open-Ended Spanners
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

20135 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  20135 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
95
Warning!
Insulated tools are not intended for use on live or energized circuits. Always
disconnect and de-energize all equipment & circuits. NEVER! work on live or
energized circuits or equipment.
201 Inch Open-Ended Spanners, With Insulated Handle
Insulation According to VDE Specification 0680 and EN/IEC 60900,
DIN 7446, up to 1000 Volt. Individually Tested. Chrome-vanadium
steel, hardened. Angled 15O.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
201 33
5/16
100
3.9
.05
1
201 35
3/8
105
4.1
.07
1
201 36
7/16
117
4.6
.09
1
201 37
1/2
140
5.5
.15
1
201 38
9/16
146
5.7
.15
1
201 40
5/8
158
6.2
.20
1
201 41
11/16
165
6.5
.23
1
201 42
3/4
178
7.0
.33
1
201 44
13/16
191
7.5
.42
1
201 45
7/8
192
7.6
.44
1
201 46
15/16
201
7.9
.51
1
201 47
1
213
8.4
.61
1
201 48
1-1/16
233
9.2
.79
1
201 49
1-1/8
233
9.2
.77
1
* Lengths are +/- 5% due to coating process
Wiha Insulated Open-Ended Spanners
1000Volt
201 90
Set 14 Pcs. Insulated Inch Open End Insulated Spanners
Item
OAL
OAL
No.
Inch
Inch
Inch
Inch
lbs.
201 90
201 33
5/16
3.9
201 42
3/4
7.0
3.0
201 35
3/8
4.1
201 44
13/16
7.5
201 36
7/16
4.6
201 45
7/8
7.6
201 37
1/2
5.5
201 46
15/16
7.9
201 38
9/16
5.7
201 47
1
8.4
201 40
5/8
6.2
201 48
1-1/16
9.2
201 41
11/16
6.5
201 49
1-1/8
9.1
1000Volt
Steel
Forged from chrome
vanadium, meets - DIN 3110
Angled 15O
Insulation
High visibility, grip is
double coated
Insulation Test Standards:
Insulation according to ASTM F-1505-01,
EN/IEC 60900, VDE 0680, DIN 7446
Each tool individually
tested to 10,000 volts
and certified to 1000
Volt ac or 1500 Volt dc
1000V
201 92
Set 8 Pcs. Insulated Inch Open End Insulated Spanners
Item
OAL
OAL
No.
Inch
Inch
Inch
Inch
lbs.
201 92
201 33
5/16
3.9
201 38
9/16
5.7
1.4
201 35
3/8
4.1
201 40
5/8
6.2
201 36
7/16
4.6
201 41
11/16
6.5
201 37
1/2
5.5
201 42
3/4
7.0
1000Volt
Use & Care Guide For Insulated Tools:
Store tools to minimize risk of damage to insulation, always wear
approved eye protection, Inspect insulation prior to each use of any
insulated tool. Use insulated tools where the ambient temperature is
between -20 to +70O C. Have a qualified safety technician visually
inspect insulation on tools annually for safe use.
NEW
From
Wiha
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 20135

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
201358B ITF-201358B Datasheet
200Kb / 5P
SAW Bandpass Filter
2004-05-07
logo
Tyco Electronics
2013595 MACOM-2013595 Datasheet
73Kb / 1P
INDUSTRIAL MINI I/O PLUG CONNECTOR KIT D-SHAPE TYPE I
logo
TE Connectivity Ltd
2013595-1 TEC-2013595-1 Datasheet
315Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2013595-1 TEC-2013595-1 Datasheet
150Kb / 7P
INDUSTRIAL MINI I/O CONNECTOR
2013595-1 TEC-2013595-1 Datasheet
150Kb / 7P
INDUSTRIAL MINI I/O CONNECTOR
More results

Similar Description - 20135

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15000 ETC-15000 Datasheet
294Kb / 1P
Wiha Insulated Electrician?셲 Knives
20138 ETC-20138 Datasheet
230Kb / 1P
Wiha Insulated Open-Ended Spanners
21214 ETC-21214 Datasheet
253Kb / 1P
Wiha Insulated Ratchet Wrenches
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
31-328 ETC2-31-328 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71322 ETC2-71322 Datasheet
170Kb / 1P
Wiha Sockets
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com