Electronic Components Datasheet Search
  English  ▼

X  

27210 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 27210
Description  Precision ESD Safe Conductive Drivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

27210 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  27210 Datasheet HTML 1Page - List of Unclassifed Manufacturers 27210 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
139
Phillips Screwdriver, With Precision ESD Safe Conductive
Handle. Blade high alloy chrome-vanadium-molybdenum steel.
Hard chrome finished. Handle manufactured from impact resistant,
conductive material.
Item
No.
Size mm Inch mm Inch
mm
Inch lbs.
pkg.
Each
273 02
000 40
1.6
2.0
.079
120
4.7
.02
10
$7.50
273 05
00
40
1.6
2.0
.079
120
4.7
.02
10
$5.30
273 07
00
75
3.0
2.0
.079
155
6.1
.02
10
$6.34
273 10
0
50
2.0
3.0
.118
145
5.7
.04
10
$5.00
273 12
0
75
3.0
3.0
.118
170
6.7
.03
10
$5.90
273 14
0
100 4.0
3.0
.118
195
7.6
.05
10
$6.22
273 16
0
150 5.9
3.0
.118
245
9.6
.06
10
$6.54
273 20
1
60
2.3
4.0
.157
170
6.7
.06
10
$5.08
273 22
1
75
3.0
4.0
.157
155
6.1
.06
10
$5.86
273 24
1
100 3.9
4.0
.157
210
8.2
.06
10
$6.22
273 26
1
150 5.9
4.0
.157
260
10.2 .07
10
$6.54
273
Set 8 Pcs. Slotted & Phillips Precision ESD Safe
Conductive Handle. Blade high alloy CVM steel, hardened,
hard chromed. Handle manufactured from impact resistant,
conductive material. In storage pouch
Item
No.
mm mm
Size mm
lbs.
273 99
272 15
1.5
40
273 02
000 40
.50
272 20
2.0
40
273 05
00
40
272 25
2.5
50
273 10
0
50
Each
272 30
3.0
50
273 20
1
60
$47.20
273 99
Set 7 Pcs. Extra Long Slotted & Phillips Precision ESD
Safe Conductive Handle Blade CVM steel, hardened, hard chromed.
Handle impact resistant, conductive material.
Item
No.
mm mm
Size mm
lbs.
273 93
272 24
2.0
150
273 16
0
150
.48
272 28
2.5
150
273 26
1
150
272 34
3.0
150
272 38
3.5
150
Each
272 43
4.0
150
$44.70
273 93
Rugged Polyester Canvas Storage Pouch
Holds 8 Precision Tools up to 170mm in length. Folding pouch.
Has security flaps and velcro closer.
Item
No.
Size
lbs.
pkg.
Each
911 18
14 1/2” W x 7 3/4” L
.13
1
$6.22
911 18
Precision ESD Safe Slotted/Phillips Drivers
D
D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com