Electronic Components Datasheet Search
  English  ▼

X  

28200 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 28200
Description  Smooth, high torque, roller ratchet handle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28200 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  28200 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28200 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28200 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
97
101 91
SYSTEM 6 Slotted & Phillips
Interchangeable Blade Set, 8 Pcs. in Durable
Pouch. Set includes ESD Safe Collet Lock
handle & 7 interchangeable blades.
Item
No.
101 91
lbs. .75
Each $35.48
Slotted: 3.0, 4.0, 6.0, 8.0mm Phillips: 0, 1, 2
Wiha ESD Safe Dynamic Handle
106 91 SYS 6 Nut Driver Metric Interchangeable
Blade Set, 11 Pcs. in Durable Pouch. Set includes
ESD Safe Collet Lock handle and 10 Drive-Loc VI
blades.
Item
No.
106 91
lbs. 1.16
Each $49.98
Metric: 4.0, 4.5, 5.0, 5.5, 6.0, 7.0, 8.0,
9.0, 10.0, 11.0mm
Wiha ESD Safe Dynamic Handle
107 91
SYS 6
SYS 4
SYSTEM 6 Inch Nut Drivers,
Slotted & Phillips Interchangeable Blade Set,
14 Pcs. in Durable Pouch. Set includes ESD
Safe Dynamic Collet Lock handle and 13 Wiha
interchangeable Drive-Loc VI blades.
Item
No.
109 51
lbs. 1.14
Each $62.98
Slotted: 4.5, 6.5
Phillips: 1, 2
Nut Driver Inch: 3/16, 7/32, 1/4, 9/32, 5/16,
11/32, 3/8, 7/16, 1/2”
ESD Safe Dynamic Handle
109 51
SYSTEM 6/4
Interchangeable
Blade Set, 9 Pcs. in Durable Pouch. Set includes
ESD Safe Precision and Dynamic handles and
7 Wiha interchangeable blades.
Item
No.
107 91
lbs. .71
Each $47.82
SYS 4: T5, T6, T7, T8, T9, T10, T15
SYS 6: T20, T25, T30
ESD Safe Precision & Dynamic Handle Set
Wiha ESD Safe SYSTEM 6 Sets
Rugged Polyester Canvas Storage Pouch Holds 14
SYSTEM 6 blades & handle. Has security flaps and velcro closer.
Item
No.
Size
lbs.
pkg.
Each
911 18
14 1/2” W x 7 3/4” L
.13
1
$6.22
911 18
(Replacement pouch only)
D
D
D
D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com