Electronic Components Datasheet Search
  English  ▼

X  

18362 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 18362
Description  16. Through-hole Socket Mount System (InMate)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

18362 Datasheet(HTML) 1 Page - Vicor Corporation

  18362 Datasheet HTML 1Page - Vicor Corporation 18362 Datasheet HTML 2Page - Vicor Corporation 18362 Datasheet HTML 3Page - Vicor Corporation 18362 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design Guide & Applications Manual
For Maxi, Mini, Micro Family DC-DC Converters and Configurable Power Supplies
Maxi, Mini, Micro Design Guide
Rev 4.8
vicorpower.com
Page 76 of 88
Apps. Eng. 800 927.9474
800 735.6200
16. Through-hole Socket Mount System (InMate)
InMates are an innovative solution for through-hole socket
requirements. Consisting of individual plastic carriers for
the input and the output, each contains an array of sockets
for either a full, half or quarter-brick sized module. The
sockets are factory loaded into the carrier, which holds
them rigidly in place throughout the assembly and soldering
process. The carriers are later removed, leaving the sockets
accurately positioned.
Designed for use with pin-compatible Maxi, Mini, and
Micro Family converters, InMates are available for a wide
range of PCB sizes and mounting styles. PCB thicknesses
can range from 0.055"(1,39 mm) to 0.1375"(3,49 mm).
Sockets also allow for mounting modules either inboard,
with a cutout in the PCB for the module, to minimize the
height above the board, or onboard. InMates are compati-
ble with the ModuMate or RoHS pin style.
InMates are available in standard recyclable JEDEC style
trays for use with automated pick-and-place equipment
and are compatible with most standard wave or hand
solder operations. The sockets are soldered into the board
as part of the PCB assembly process. The module can then
be plugged into place at anytime later.
NOTE: Please refer to Section 13 of the design guide
for the InMate soldering procedure.
Insert
Solder
Remove Carrier
Insert Module
Figure 16–1
— InMate carrier / socket assembly and soldering process


Similar Part No. - 18362

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836202 PHOENIX-1836202 Datasheet
89Kb / 5P
Base strip - MC 1,5/ 4-G-5,08
1836215 PHOENIX-1836215 Datasheet
153Kb / 9P
Feed-through header - MC 1,5/ 5-G-5,08
1836228 PHOENIX-1836228 Datasheet
569Kb / 13P
PCB header - MC 1,5/ 6-G-5,08
Jan 4, 2023
1836244 PHOENIX-1836244 Datasheet
569Kb / 13P
MC 1,5/ 8-G-5,08 - PCB header
1836257 PHOENIX-1836257 Datasheet
85Kb / 5P
Base strip - MC 1,5/ 9-G-5,08
More results

Similar Description - 18362

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
450-1812 CAMBION-450-1812 Datasheet
25Kb / 1P
Solder mount, through hole socket, for .065 (1,65) diameter pins
450-3256 CAMBION-450-3256 Datasheet
26Kb / 1P
Solder mount, through hole socket, for .080 (2,03) diameter pins
450-3286 CAMBION-450-3286 Datasheet
26Kb / 1P
Solder mount, through hole socket, for .040 (1,02) diameter pins
450-3293 CAMBION-450-3293 Datasheet
27Kb / 1P
Solder mount, through hole socket, for .025 (0,64) diameter pins
logo
Samtec, Inc
SSQ-137-03-T-S SAMTEC-SSQ-137-03-T-S Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
SFM-105-02-S-D-LC SAMTEC-SFM-105-02-S-D-LC Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-110-02-S-D-A SAMTEC-SFM-110-02-S-D-A Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
SSQ-105-04-S-T SAMTEC-SSQ-105-04-S-T Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
SSQ-102-01-L-S SAMTEC-SSQ-102-01-L-S Datasheet
1Mb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
logo
Kycon, Inc.
PX-20LCC KYCON-PX-20LCC Datasheet
1Mb / 1P
Through Hole PLCC Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com