Electronic Components Datasheet Search
  English  ▼

X  

-3101 Datasheet(PDF) 2 Page - Dialight Corporation

Part # -3101
Description  3mm Prism CBI Circuit Board Indicator Surface Mount LED, Round Lens
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

-3101 Datasheet(HTML) 2 Page - Dialight Corporation

  -3101 Datasheet HTML 1Page - Dialight Corporation -3101 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-12
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
591-3x0x-0xx
Part No.
-3001
-3101
-3201
-3503
-3001
-3101
-3201
-3503
-3001
-3101
-3201
-3503
-3001
-3101
-3201
-3503
-3001
-3101
-3201
-3503
Luminous Intensity
IV
Operating Characteristics (TA = 25°C)
Min
5/5
5/5
5/5
5/1/5
Max
2.6/2.6
2.6/2.6
2.6/2.6
2.6/4.5/2.6
Forward Voltage
VF
Reverse Voltage
VR
Dominant Wavelength
λ Dom
Viewing Angle
(2
Θ 11//22 )
V
IF=10 mA
V
IR = 10 µA
nm
mcd
IF = 20 mA
deg.
Units
Test Cond.
Parameter
Typ
2/2
2/2
2/2
2/3.8/2
628/570
586/570
628/586
645/466/570
6.5/8
6.5/8
6.5/6.5
10/5/16
40/40
40/40
40/40
40/40/40
Parameter
-3001
-3101
-3201
-3503
Color*
30
31
32
35
Power Dissipation
100mW
100mW
100mW
150mW Total
Forward DC Current
30mA
30mA
30mA
20mA single chip on
30mA all chips on
Peak Forward Current (10µsec)
500mA
500mA
500mA
Operating Temperature
-55°C to +100°C
Storage Temperature
-55°C to +100°C
Soldering Temperatures
Convection IR
235° Peak, above 185° for 90 sec.,
Vapor Phase
215°C for 3 Min.
Absolute Maximum Ratings (TA=25°C)
Θ 11// 22 is the off axis angle at which the luminous intensity is half the axial luminous intensity
* LED colors: 30) Super Red/Green Bi-Color 31) Yellow/Green Bi-Color 32) Super Red/Yellow Bi-
Color 35) Red/Blue/Green Tri-Color
Solder Adherence per MIL-STD-202E, Method 208C
* LED colors: 30) Super Red/Green Bi-Color 31) Yellow/Green Bi-Color 32) Super Red/Yellow Bi-
Color 35) Red/Blue/Green Tri-Color
Color
30
31
32
35
30
31
32
35
30
31
32
35
30
31
32
35
30
31
32
35



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com