Electronic Components Datasheet Search
  English  ▼

X  

-3201 Datasheet(PDF) 1 Page - Dialight Corporation

Part # -3201
Description  3mm Prism CBI Circuit Board Indicator Surface Mount LED, Round Lens
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

-3201 Datasheet(HTML) 1 Page - Dialight Corporation

  -3201 Datasheet HTML 1Page - Dialight Corporation -3201 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-11
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
1
02
20 pieces on tape
07
7" reel, 400 pcs/reel
13
13" reel, 1600 pcs/reel
3mm
Prism
® CBI®Circuit Board Indicator
Surface Mount LED, Round Lens
591-3x0x-0xx
4.5
[.177]
1.5
[.059]
2
1
2.6
[.102]
1.1
[.043]
TYP
TYP
4
3
2.7
[.105]
6.1
[.240]
4.3
[.170]
5.0
[.198]
3.2
[.125]
.1 MAX
[.004 MAX]
2.8
[.112]
2.00
[.079]
4.00
[.157]
1.50
[.059]
16.00
[.630]
8.00
[.315]
7.5
[.295]
1.75
[.069]
DIRECTION OF FEED
CATHODE
LENS
DIRECTION
CATHODE
ANODE
4
2
RECOMMENDED PC
BOARD LAYOUT
3001
SR C
SR A
GA
GC
3101
YC
YA
GA
GC
3201
SR C
SR A
YA
YC
PAD 1
PAD 2
PAD 3
PAD 4
3.05
[.120]
3503
RC
CA
GC
BC
Part Number* Type
591-3001-0xx Super Red/Green Bi-Color
591-3101-0xx Yellow/Green Bi-Color
591-3201-0xx Super Red/Yellow Bi-Color
591-3503-0xx Red/Blue/Green Tri-Color
Features
• Helps to eliminate mixed technology PC
board processing.
• Unique patented low part count design.
• Compatible with automatic placement
equipment.
• Compatible with infrared and vapor phase
solder processes.
• Packaged on 16mm tape, 7” or 13" reels per
EIA-481-2.
• Black housing enhances contrast ratio.
• Housing material meets UL94V-0
flammability rating.
• Lens material meets UL94-HB flammability
rating.
• Uses LEDs designed specifically for surface
mounting.
Dimensions in mm [inches]
NOTE: Terminations are plated Sn/Pb.
*ORDERING INFORMATION
591-3x01-0xx
packaging option
U.S. Patent RE 34,254; foreign patents pending.
NEW
NEW


Similar Description - -3201

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
3mm LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
3mm LED CBI Circuit Board Indicator Quad-Level
591-3X0X-0XX DIALIGHT-591-3X0X-0XX Datasheet
27Kb / 2P
3mm Prism CBICircuit Board Indicator Surface Mount LED, Round Lens
591-XX01-1XX DIALIGHT-591-XX01-1XX Datasheet
43Kb / 4P
3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
2mm Prism CBI Circuit Board Indicator Surface Mount LED
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
3mm LED CBI Circuit Board Indicator QUAD-LEVEL
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
3mm LED CBI Circuit Board Indicator Bi-level
591-2101-013F DIALIGHT-591-2101-013F Datasheet
29Kb / 2P
3mm Prism CBI Circuit Board Indicator
591-2301-002F DIALIGHT-591-2301-002F Datasheet
29Kb / 2P
3mm Prism CBI Circuit Board Indicator
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com