Electronic Components Datasheet Search
  English  ▼

X  

18366 Datasheet(PDF) 4 Page - Vicor Corporation

Part # 18366
Description  16. Through-hole Socket Mount System (InMate)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

18366 Datasheet(HTML) 4 Page - Vicor Corporation

  18366 Datasheet HTML 1Page - Vicor Corporation 18366 Datasheet HTML 2Page - Vicor Corporation 18366 Datasheet HTML 3Page - Vicor Corporation 18366 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design Guide & Applications Manual
For Maxi, Mini, Micro Family DC-DC Converters and Configurable Power Supplies
Maxi, Mini, Micro Design Guide
Rev 4.8
vicorpower.com
Page 79 of 88
Apps. Eng. 800 927.9474
800 735.6200
16. Through-hole Socket Mount System (InMate)
InMate PCB layout drawing for Maxi Module
http://asp.vicorpower.com/cadUtil/display_cad.asp?pn=18400&ct=PDF
InMate PCB layout drawing for Mini Module
http://asp.vicorpower.com/cadUtil/display_cad.asp?pn=18399&ct=PDF
InMate PCB layout drawing for Micro Module
http://asp.vicorpower.com/cadUtil/display_cad.asp?pn=18398&ct=PDF
InMate and Socket outline drawing for Inboard Maxi Modules
http://asp.vicorpower.com/cadUtil/display_cad.asp?pn=18483-XX&ct=PDF
InMate and Socket outline drawing for Inboard Mini Modules
http://asp.vicorpower.com/cadUtil/display_cad.asp?pn=18482-XX&ct=PDF
InMate and Socket outline drawing for Inboard Micro Modules
http://asp.vicorpower.com/cadUtil/display_cad.asp?pn=18481-XX&ct=PDF
InMate and Socket outline drawing for Onboard Maxi Modules
http://asp.vicorpower.com/cadUtil/display_cad.asp?pn=18480-XX&ct=PDF
InMate and Socket outline drawing for Onboard Mini Modules
http://asp.vicorpower.com/cadUtil/display_cad.asp?pn=20030-XX&ct=PDF
InMate and Socket outline drawing for Onboard Micro Modules
http://vdac2.vicr.com/cadUtil/display_cad.asp?pn=20029-XX&ct=PDF
References
Standoff Kits for InMate Mounted Modules*
Board Thickness
Slotted Baseplate
Through-Hole Baseplate
Threaded Baseplate
Nom.
Mounting
Through-Hole
Threaded
Through-Hole
Threaded
Through-Hole
(Min. / Max.)
Style
Heat Sink
Heat Sink
Heat Sink
Heat Sink
Heat Sink
0.062"
Inboard
Kit- 18153
Kit- 18154
Kit- 18148
Kit- 18149
Kit- 18148
(0.055"/ 0.071")
Bag- 19129
Bag- 19130
Bag- 19124
Bag- 19125
Bag- 19124
1,5 mm
(1,4 mm /1,8 mm)
Onboard
Kit- 18158
Kit- 18159
Kit- 18153
Kit- 18155
Kit- 18153
Bag- 19134
Bag- 19135
Bag- 19129
Bag- 19131
Bag- 19129
0.093"
Inboard
Kit- 18153
Kit- 18154
Kit- 18148
Kit- 18149
Kit- 18148
(0.084"/ 0.104")
Bag- 19129
Bag- 19130
Bag- 19124
Bag- 19125
Bag- 19124
2,4 mm
(2,1 mm /2,6 mm)
Onboard
Kit- 18156
Kit- 18157
Kit- 18150
Kit- 18152
Kit- 18150
Bag- 19132
Bag- 19133
Bag- 19126
Bag- 19128
Bag- 19126
0.125"
Onboard
Kit - 24054
Kit- 18157
Kit- 24056
Kit - 18152
Kit- 24056
(0.113"/ 0.138")
Bag- 19132
Bag- 19133
Bag -19126
Bag - 19128
Bag-19126
3,1 mm
(2,8 mm /3,5 mm)
Used in facilitating the proper extraction of modules from InMate or SurfMate sockets.
Removal without using the Exchange Tool may cause damage to the sockets.
Description
Part Number
Maxi Exchange Tool
22827
Mini Exchange Tool
22828
Micro Exchange Tool
22829
22827
22829
22828
Module Exchange Tool
Table 16–4 — InMate standoff recommendations
* Kits include six (6) standoffs and screws. Mini and Micro modules require a minimum of four (4) standoffs.
Bags of one hundred (100) do not include screws; #4-40 thread hardware required.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com