Electronic Components Datasheet Search
  English  ▼

X  

18367 Datasheet(PDF) 3 Page - Vicor Corporation

Part # 18367
Description  16. Through-hole Socket Mount System (InMate)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

18367 Datasheet(HTML) 3 Page - Vicor Corporation

  18367 Datasheet HTML 1Page - Vicor Corporation 18367 Datasheet HTML 2Page - Vicor Corporation 18367 Datasheet HTML 3Page - Vicor Corporation 18367 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design Guide & Applications Manual
For Maxi, Mini, Micro Family DC-DC Converters and Configurable Power Supplies
Maxi, Mini, Micro Design Guide
Rev 4.8
vicorpower.com
Page 78 of 88
Apps. Eng. 800 927.9474
800 735.6200
16. Through-hole Socket Mount System (InMate)
Table 16–2 — InMate specifications and materials
Table 16–3 — Material properties of InMate components
Parameter
Specification Value
Reference
Compatibility
F = short Au plated
Short RoHS pins
Module pin styles
S = short Au plated
Short ModuMate pins
G = long Au plated
Long RoHS pins
N = long Au plated
Long ModuMate pins
Mechanical
Contact normal force
100 grams EOL min.
GR-1217-CORE, R5-23
Number of mating cycles
5 max.(Note4)
Exception to GR-1217-CORE
which specifies 25 mating cycle
Module engagement force
32 lbs per connector max.
GR-1217-CORE, R5-31,32
Module disengagement force
32 lbs per connector max.
GR-1217-CORE, R5-31,32
Electrical
Current rating for output pin sockets
50 A Maxi(Note1) / 50 A Mini / 25 A Micro
Gold plating standards, and
(Based on 248°F (120°C) max socket temp. &
accepted industry standards
86°F (30°C) max temperature rise of contact)
such as IICIT, EIA, Bellcore guidelines
Low level contact resistance
0.080" (2,03 mm) dia socket (LLCR)
400 µ
Ωmax.
GR-1217-CORE, 6.2.1
Low level contact resistance
0.150" (3,81 mm) dia socket (LLCR)
300 µ
Ωmax.
GR-1217-CORE, 6.2.1
Low level contact resistance
0.180" (4,57 mm) dia sockets (LLCR)
200 µ
Ωmax.
GR-1217-CORE, 6.2.1
Thermal
Max continuous use
Max socket temperature
248°F (120°C) max.
temperature for gold plating
Temperature rise
86°F (30°C) max.
GR-1217-CORE(Note3)
EIA-364-70A(Note2)
Environmental
InMate products are tested in random vibration environments to best simulate the broad spectrum
Shock and vibration
of frequencies and amplitudes that may be encountered in typical applications. Actual system
resonant frequencies will depend on PCB construction and mounting details.
For critical, or unusual, shock and vibration environments, the performance of the system should
be independently verified.
Materials
Ratings
Headers
Material: RytonTM R–7 PPS, 65% glass fiber and mineral filled compound
Poly-Phenylene Sulfide
Flammability
UL94 V-0/5VA
Thermal stability (short term)
500°F (260°C)
Thermal stability (long term)
392°F (200°C)
Solder Cap
Material
305 stainless steel
Plating
Clear passivate to repel solder
Sockets
Brush Wellman Alloy #25
Material
C17200 deep draw quality or equiv. 0.010" thick
Plating
Woods nickel strike followed by 50 µ in. min. low stress
sulfamate-based electrolytic nickel, followed by
20 µ in min hard gold followed by 10 µ in. min. soft gold
(Note1)
For 80 A operation with Maxi, contact Applications Engineering.
(Note2)
GR-1217-CORE issue 1, November 1995 Generic requirements for
separable electrical connectors used in telecommunications
hardware. A module of NEBSFR, FR-2063
(Note3)
ANSI/EIA-364 American National Standards Institute / Electronic
Industries Association (Electronic Components, Assemblies &
Materials Association)
(Note4)
The module and socket must be replaced after 5 mating cycles.
(1)For 80 A operation with Maxi, contact Applications Engineering.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com