Electronic Components Datasheet Search
  English  ▼

X  

28124 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 28124
Description  Wiha Drive-Loc VI Blades
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28124 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  28124 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
63
Ball End Hex & Hex Metric Drive-Loc VI Interchangeable
Blade High alloy CVM steel, through hardened, hard chrome finish.
Ball end enables the user to work at angles up to 25O. Over all blade
length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
mm + mm
lbs.
pkg.
281 16
2.5
2.5
.10
1
281 17
3
3
.10
1
281 18
4
4
.10
1
281 19
5
5
.10
1
281 20
6
6
.10
1
281
Hex Metric Drive-Loc VI Interchangeable Blade
High alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
mm + mm
lbs.
pkg.
281 49
2.0
2.5
.09
1
281 50
3.0
4.0
.10
1
281 51
5.0
6.0
.10
1
281
Hex Inch Drive-Loc VI Interchangeable Blade
High alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
Inch + Inch
lbs.
pkg.
281 22
3/32
7/64
.10
1
281 23
1/8
9/64
.10
1
281 24
5/32
3/16
.10
1
281
Drive-Loc VI Inch Nut Driver Blades
High alloy CVM steel, through hardened, hard chrome finish.
OAL blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
Inch
mm
lbs.
pkg.
281 56
3/16
150
.11
1
281 57
7/32
150
.11
1
281 58
1/4
150
.11
1
281 59
9/32
150
.12
1
281 60
5/16
150
.13
1
281 61
11/32
150
.13
1
281 62
3/8
150
.15
1
281 63
7/16
150
.17
1
281 64
1/2
150
.18
1
281
Drive-Loc VI Metric Nut Driver Blades
High alloy CVM steel, through hardened, hard chrome finish.
OAL blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
mm
mm
lbs.
pkg.
281 68
4.0
150
.10
1
281 69
4.5
150
.10
1
281 70
5.0
150
.11
1
281 71
5.5
150
.11
1
281 72
6.0
150
.11
1
281 73
7.0
150
.13
1
281 74
8.0
150
.13
1
281 77
9.0
150
.14
1
281 75
10.0
150
.15
1
281 76
11.0
150
.16
1
281
Extension Blade For Drive-Loc VI Blades
High alloy CVM steel, through hardened, hard chrome finish.
OAL blade length 6.5”. Blades fit all Drive-Loc VI handles.
Item
No.
mm
OAL
lbs.
pkg.
281 44
6.0
165mm
.14
1
281 44
Wiha Drive-Loc VI Blades
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 28124

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2812 SYSTEMSENSOR-2812 Datasheet
498Kb / 2P
4/6 Wire Ststems Dectectors
logo
KR Electronics, Inc.
2812 KR-2812 Datasheet
48Kb / 2P
174 MHz lowpass filter
logo
List of Unclassifed Man...
2812018 ETC2-2812018 Datasheet
77Kb / 7P
Basic terminal block with screw connection, for component and fuse connectors, cross section: 0.2 - 4 mm짼, AWG: 28 - 12, width: 6.2 mm, color: gray
logo
PHOENIX CONTACT
2812018 PHOENIX-2812018 Datasheet
125Kb / 6P
UK 4-TG
2812034 PHOENIX-2812034 Datasheet
121Kb / 6P
UK 4-TG-P/P
More results

Similar Description - 28124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
16112 ETC2-16112 Datasheet
231Kb / 1P
Wiha Cabinet Tip Screwdrivers
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
76395 ETC2-76395 Datasheet
789Kb / 2P
Wiha Quality Tools Wiha Socket Sets On Molded Rails
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71322 ETC2-71322 Datasheet
170Kb / 1P
Wiha Sockets
28564 ETC2-28564 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com