Electronic Components Datasheet Search
  English  ▼

X  

101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 101
Description  Smooth, high torque, roller ratchet handle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  101 Datasheet HTML 1Page - List of Unclassifed Manufacturers 101 Datasheet HTML 2Page - List of Unclassifed Manufacturers 101 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
D
www.wihatools.com
Wiha Quality Tools
Germany
95
282 00
SYS 6 Standard Dynamic Handle,
high quality plastic, impact resistant.
Advantages:
• Accepts all SYSTEM 6 blades securely
• Collet lock allows for quick & easy adjustment
Item
No.
mm mm Inch mm Inch lbs. Each
108 10 6.0
135 5.3
15.2 .60
.16 $5.98
108 10
SYSTEM 6 ESD Safe Dynamic
Handle, Conductive, high quality plastic,
impact resistant. Advantages:
• Accepts all SYSTEM 6 blades.
• Surface resistant 106 to 109 Ohms
• Safe for working on ESD sensitive parts
• Collet lock holds blade securely in place
Item
No.
mm mm Inch mm Inch lbs. Each
108 20 6.0
135 5.3
15.2 .60 .16 $6.98
108 20
Topra Handle Pistol grip design.
Wiha-Topra handle, high quality plastic, impact
resistant. Rated to 150in/lbs. Fits all Wiha
SYSTEM 6 blades.
Item
No.
mm mm Inch mm Inch lbs. Each
282 00
6.0 100 3.94 85
3.35 .48 $32.82
Pistol Grip Handle
ergonomic design with free
running mechanism. Instant
clutch engagement allows
constant turning pressure on
the fastener.
No release
of handle is needed, change of
direction can be made with index
finger and thumb.
Allows for quick adjustment to
right, left or fixed turning.
Hex Retainer
for SYSTEM 6
blades
281 04
281 05
SYSTEM 6 Handle With Hex Bolster
Wiha-SoftFinish® impact resistant.
Hex bolster for additional torque.
Advantages:
Ergonomic cushion grip, Quick slide in blade
change, Hex bolster to loosen tight screws
Item
No.
mm mm Inch mm Inch
lbs. Each
281 04
6.0 122 4.8
36.0 1.41 .19 $8.30
SYS 6 ESD Safe Soft Grip Handle
Item
No.
mm mm Inch mm Inch lbs. Each
281 05 6.0 122 4.8
36.0 1.41 .22 $11.26
481 06 SYSTEM 6 Magnetizer/Demagnetizer
Handle. Wiha-Hex bolster for additional torque.
Advantages:
• Ergo soft grip panels for comfort
• Built in blade Magnetizer/Demagnetizer
Item
No.
mm mm Inch mm Inch lbs. Each
481 06
6.0
109 4.1
29
1.1
.14 $13.28
Smooth, high torque,
roller ratchet handle
Opens a new generation of
easier torque transmission
SYSTEM 6
Handles • Blades • Sets
100 93
SYSTEM 6 Slotted & Phillips
Interchangeable Blade Set, 6 Pcs. in
Durable Pouch. Set includes SoftFinish®
handle & 5 interchangeable blades.
Item
No. 100 93
lbs. .75
Each $28.64
Slotted: 3.0, 4.5, 6.0mm Phillips: 1, 2
Wiha SoftFinish® Dynamic Handle
Pouch holds up to 11 SYSTEM 6 blades
SYSTEM 6 Starter Kit With Slotted & Phillips Blades
Handles
• Soft Grip Handle
• ESD Safe Handle
• Magnetizing Handle
• Ratcheting Handle
• Collet Lock
Also see Drive-Loc VI
on pages 76-78
Blades
• Slotted
• Phillips
• Torx®
• Triwing
• Torq Set
• Nut Drivers
• Security Torx®


Similar Part No. - 101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
101 STMICROELECTRONICS-101 Datasheet
38Kb / 5P
0.9/1.9GHz BROAD BAND PRE-POWER AMPLIFIER
22-Jan-2002
logo
Riedon Powertron
101 RIEDON-101 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Productwell Precision E...
101 PRODUCTWELL-101 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
Silicon Laboratories
101 SILABS-101 Datasheet
452Kb / 13P
NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
101 SILABS-101 Datasheet
431Kb / 14P
ISOLATED EVALUATION BOARD FOR THE Si3402B
More results

Similar Description - 101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
logo
Ralston Instruments.
QTHP-0020 RALSTON-QTHP-0020 Datasheet
267Kb / 1P
HP, XH moveable handle assembly, rivets, roller
logo
PANDUIT CORP.
MR20 PANDUIT-MR20 Datasheet
94Kb / 1P
RATCHET TOOL
logo
Molex Electronics Ltd.
130176-0008 MOLEX11-130176-0008 Datasheet
23Kb / 1P
Aero-Motive Torque Reel with Rigid Mount with Ratchet Lock, Weight Range
130176-0009 MOLEX11-130176-0009 Datasheet
23Kb / 1P
Aero-Motive Torque Reel with Rigid Mount with Ratchet Lock
1301760008 MOLEX11-1301760008 Datasheet
47Kb / 1P
Aero-Motive Torque Reel with Rigid Mount with Ratchet Lock, Weight Range
1301760009 MOLEX11-1301760009 Datasheet
47Kb / 1P
Aero-Motive Torque Reel with Rigid Mount with Ratchet Lock, Weight Range
logo
Tyco Electronics
408-10281 MACOM-408-10281 Datasheet
306Kb / 4P
The tool frame features two jaws, a handle, ratchet adjustment wheel, and an emergency ratchet release.
408-10309 MACOM-408-10309 Datasheet
229Kb / 4P
The tool frame features two jaws, a handle, ratchet adjustment wheel, and an emergency ratchet release.
408-10370 MACOM-408-10370 Datasheet
237Kb / 5P
The tool frame features two jaws, a handle, ratchet adjustment wheel, and an emergency ratchet release.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com