Electronic Components Datasheet Search
  English  ▼

X  

IR2302 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2302
Description  Gate drive supply range from 5 to 20V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2302 Datasheet(HTML) 1 Page - International Rectifier

  IR2302 Datasheet HTML 1Page - International Rectifier IR2302 Datasheet HTML 2Page - International Rectifier IR2302 Datasheet HTML 3Page - International Rectifier IR2302 Datasheet HTML 4Page - International Rectifier IR2302 Datasheet HTML 5Page - International Rectifier IR2302 Datasheet HTML 6Page - International Rectifier IR2302 Datasheet HTML 7Page - International Rectifier IR2302 Datasheet HTML 8Page - International Rectifier IR2302 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
HALF-BRIDGE DRIVER
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 5 to 20V
• Undervoltage lockout for both channels
• 3.3V, 5V and 15V input logic compatible
• Cross-conduction prevention logic
• Matched propagation delay for both channels
• High side output in phase with IN input
• Logic and power ground +/- 5V offset.
• Internal 540ns dead-time
• Lower di/dt gate driver for better noise
immunity
• Shut down input turns off both channels
• 8-Lead SOIC also available LEAD-FREE (PbF).
IR2302(S) & (PbF)
Data Sheet No. PD60207 Rev.A
www.irf.com
1
Packages
Part
Input
logic
Cross-
conduction
prevention
logic
Dead-Time
Ground Pins
2106/2301
COM
21064
HIN/LIN
no
none
VSS/COM
2108
Internal 540ns
COM
21084
HIN/LIN
yes
Programmable 0.54~5
µs
VSS/COM
2109/2302
Internal 540ns
COM
21094
IN/SD
yes
Programmable 0.54~5
µs
VSS/COM
2106/2301//2108//2109/2302/2304 Feature Comparison
2304
HIN/LIN
yes
Internal 100ns
COM
Description
The IR2302(S) are high voltage, high speed
power MOSFET and IGBT drivers with depen-
dent high and low side referenced output
channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction.
The logic input is compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers
feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can
be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to
600 volts.
8-Lead PDIP
IR2302
8-Lead SOIC
IR2302(S)
(Also available LEAD-FREE (PbF))
Typical Connection
IR2302
V
CC
V
B
V
S
HO
LO
COM
IN
SD
SD
IN
up to 600V
TO
LOAD
V
CC
(Refer to Lead Assignments for
correct configuration). This/
These diagram(s) show elec-
trical connections only. Please refer to our Application Notes
and DesignTips for proper circuit board layout.


Similar Part No. - IR2302

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2302 IRF-IR2302 Datasheet
205Kb / 22P
HALF-BRIDGE DRIVER
IR2302 IRF-IR2302 Datasheet
212Kb / 22P
HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2302 INFINEON-IR2302 Datasheet
214Kb / 22P
HALF-BRIDGE DRIVER
Data Sheet No. PD60207 Rev.A
logo
International Rectifier
IR2302S IRF-IR2302S Datasheet
205Kb / 22P
HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2302S INFINEON-IR2302S Datasheet
214Kb / 22P
HALF-BRIDGE DRIVER
Data Sheet No. PD60207 Rev.A
More results

Similar Description - IR2302

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2117STRPBF IRF-IR2117STRPBF Datasheet
272Kb / 18P
Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
Gate drive supply range from 10 to 20V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
Gate drive supply range from 6 V to 20 V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
Gate drive supply range from 10 to 20V
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
Gate drive supply range from 10 V to 20 V
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
Gate drive supply range from 6 V to 20 V
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
Gate drive supply range from 10 to 20V
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
Gate drive supply range from 10 to 20V
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
Single Supply Operation From 20V to 45V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com