Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button OPA656 Datasheet HTML 11Page - National Semiconductor (TI) OPA656 Datasheet HTML 12Page - National Semiconductor (TI) OPA656 Datasheet HTML 13Page - National Semiconductor (TI) OPA656 Datasheet HTML 14Page - National Semiconductor (TI) OPA656 Datasheet HTML 15Page - National Semiconductor (TI) OPA656 Datasheet HTML 16Page - National Semiconductor (TI) OPA656 Datasheet HTML 17Page - National Semiconductor (TI) OPA656 Datasheet HTML 18Page - National Semiconductor (TI) OPA656 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
OPA656
15
SBOS196G
www.ti.com
c) Careful selection and placement of external components
will preserve the high frequency performance of the OPA656.
Resistors should be a very low reactance type. Surface-mount
resistors work best and allow a tighter overall layout. Metal film
and carbon composition axially leaded resistors can also pro-
vide good high frequency performance. Again, keep their leads
and PCB trace length as short as possible. Never use wirewound
type resistors in a high frequency application. Since the output
pin and inverting input pin are the most sensitive to parasitic
capacitance, always position the feedback and series output
resistor, if any, as close as possible to the output pin. Other
network components, such as noninverting input termination
resistors, should also be placed close to the package. Where
double side component mounting is allowed, place the feed-
back resistor directly under the package on the other side of the
board between the output and inverting input pins. Even with a
low parasitic capacitance shunting the external resistors, exces-
sively high resistor values can create significant time constants
that can degrade performance. Good axial metal film or surface-
mount resistors have approximately 0.2pF in shunt with the
resistor. For resistor values > 1.5k
Ω, this parasitic capacitance
can add a pole and/or zero below 500MHz that can effect circuit
operation. Keep resistor values as low as possible consistent
with load driving considerations. It has been suggested here
that a good starting point for design would be to keep RF || RG
< 250
Ω for voltage amplifier applications. Doing this will auto-
matically keep the resistor noise terms low, and minimize the
effect of their parasitic capacitance. Transimpedance applica-
tions (see Figure 3) can use whatever feedback resistor is
required by the application as long as the feedback compensa-
tion capacitor is set considering all parasitic capacitance terms
on the inverting node.
d) Connections to other wideband devices on the board
may be made with short direct traces or through onboard
transmission lines. For short connections, consider the trace
and the input to the next device as a lumped capacitive load.
Relatively wide traces (50mils to 100mils) should be used,
preferably with ground and power planes opened up around
them. Estimate the total capacitive load and set RS from the
plot of
Recommended RS vs Capacitive Load. Low parasitic
capacitive loads (< 5pF) may not need an RS since the
OPA656 is nominally compensated to operate with a 2pF
parasitic load. Higher parasitic capacitive loads without an RS
are allowed as the signal gain increases (increasing the
unloaded phase margin) If a long trace is required, and the
6dB signal loss intrinsic to a doubly-terminated transmission
line is acceptable, implement a matched impedance trans-
mission line using microstrip or stripline techniques (consult
an ECL design handbook for microstrip and stripline layout
techniques). A 50
Ω environment is normally not necessary
onboard, and in fact a higher impedance environment will
improve distortion as shown in the distortion versus load
plots. With a characteristic board trace impedance defined
based on board material and trace dimensions, a matching
series resistor into the trace from the output of the OPA656
is used as well as a terminating shunt resistor at the input of
the destination device. Remember also that the terminating
impedance will be the parallel combination of the shunt
resistor and the input impedance of the destination device—
this total effective impedance should be set to match the
trace impedance. If the 6dB attenuation of a doubly-termi-
nated transmission line is unacceptable, a long trace can be
series-terminated at the source end only. Treat the trace as
a capacitive load in this case and set the series resistor value
as shown in the plot of
Recommended RS vs Capacitive
Load. This will not preserve signal integrity as well as a
doubly-terminated line. If the input impedance of the destina-
tion device is low, there will be some signal attenuation due
to the voltage divider formed by the series output into the
terminating impedance.
e) Socketing a high speed part like the OPA656 is not
recommended. The additional lead length and pin-to-pin ca-
pacitance introduced by the socket can create an extremely
troublesome parasitic network which can make it almost impos-
sible to achieve a smooth, stable frequency response. Best
results are obtained by soldering the OPA656 onto the board.
INPUT AND ESD PROTECTION
The OPA656 is built using a very high speed complementary
bipolar process. The internal junction breakdown voltages are
relatively low for these very small geometry devices. These
breakdowns are reflected in the Absolute Maximum Ratings
table. All device pins are protected with internal ESD protec-
tion diodes to the power supplies as shown in Figure 5.
These diodes provide moderate protection to input overdrive
voltages above the supplies as well. The protection diodes
can typically support 30mA continuous current. Where higher
currents are possible (for example, in systems with
±12V
supply parts driving into the OPA656), current limiting series
resistors should be added into the two inputs. Keep these
resistor values as low as possible since high values degrade
both noise performance and frequency response.
FIGURE 5. Internal ESD Protection.
External
Pin
+V
CC
–V
CC
Internal
Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com