Electronic Components Datasheet Search
  English  ▼

X  

OPA656U Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656U
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656U Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button OPA656U Datasheet HTML 8Page - National Semiconductor (TI) OPA656U Datasheet HTML 9Page - National Semiconductor (TI) OPA656U Datasheet HTML 10Page - National Semiconductor (TI) OPA656U Datasheet HTML 11Page - National Semiconductor (TI) OPA656U Datasheet HTML 12Page - National Semiconductor (TI) OPA656U Datasheet HTML 13Page - National Semiconductor (TI) OPA656U Datasheet HTML 14Page - National Semiconductor (TI) OPA656U Datasheet HTML 15Page - National Semiconductor (TI) OPA656U Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
OPA656
12
SBOS196G
www.ti.com
OPERATING SUGGESTIONS
SETTING RESISTOR VALUES TO MINIMIZE NOISE
The OPA656 provides a very low input noise voltage while
requiring a low 14mA quiescent supply current. To take full
advantage of this low input noise, careful attention to the other
possible noise contributors is required. Figure 4 shows the op
amp noise analysis model with all the noise terms included. In
this model, all the noise terms are taken to be noise voltage or
current density terms in either nV/ Hz or pA/ Hz .
FIGURE 4. Op Amp Noise Analysis Model.
4kT
R
G
R
G
R
F
R
S
OPA656
I
BI
E
O
I
BN
4kT = 1.6E –20J
at 290
°K
E
RS
E
NI
√4kTR
S
√4kTR
F
*
*
*
The total output spot noise voltage can be computed as the
square root of the squared contributing terms to the output
noise voltage. This computation is adding all the contributing
noise powers at the output by superposition, then taking the
square root to get back to a spot noise voltage. Equation 1
shows the general form for this output noise voltage using
the terms shown in Figure 4.
(1)
E
E
I
R
kTR
NG
I R
kTR NG
O
NI
BN SS
BI F
F
=+
(
) +
+
(
) +
2
2
2
2
44
Dividing this expression by the noise gain (GN = 1+RF/RG)
will give the equivalent input referred spot noise voltage at
the noninverting input as shown in Equation 2.
(2)
E
E
I
R
kTR
IR
NG
kTR
NG
NNI
BN SS
BI F
F
=+
(
) ++ 


+
2
2
2
4
4
Putting high resistor values into Equation 2 can quickly
dominate the total equivalent input referred noise. A source
impedance on the noninverting input of 3k
Ω will add a
Johnson voltage noise term equal to just that for the amplifier
itself (7nV/ Hz). While the JFET input of the OPA656 is ideal
for high source impedance applications, both the overall
bandwidth and noise will be limited by higher source imped-
ances in the noninverting configuration of Figure 1.
FREQUENCY RESPONSE CONTROL
Voltage-feedback op amps like the OPA656 exhibit decreas-
ing signal bandwidth as the signal gain is increased. In
theory, this relationship is described by the GBP shown in the
Electrical Characteristics. Ideally, dividing GBP by the
noninverting signal gain (also called the Noise Gain, or NG)
will predict the closed-loop bandwidth. In practice, this only
holds true when the phase margin approaches 90
°, as it does
in high-gain configurations. At low gains (increased feedback
factors), most high-speed amplifiers will exhibit a more com-
plex response with lower phase margin. The OPA656 is
compensated to give a maximally flat 2nd-order Butterworth
closed loop response at a noninverting gain of +2 (Figure 1).
This results in a typical gain of +2 bandwidth of 200MHz, far
exceeding that predicted by dividing the 230MHz GBP by 2.
Increasing the gain will cause the phase margin to approach
90
° and the bandwidth to more closely approach the pre-
dicted value of (GBP/NG). At a gain of +10 the OPA656 will
show the 23MHz bandwidth predicted using the simple
formula and the typical GBP of 230MHz.
Unity-gain stable op amps like the OPA656 can also be
bandlimited using a capacitor across the feedback resistor.
For the noninverting configuration of Figure 1, a capacitor
across the feedback resistor will decrease the gain with
frequency down to a gain of +1. For instance, to bandlimit the
gain of +2 design to 20MHz, a 32pF capacitor can be placed
in parallel with the 250
Ω feedback resistor. This will, how-
ever, only decrease the gain from 2 to 1. Using a feedback
capacitor to limit the signal bandwidth is more effective in the
inverting configuration of Figure 2. Adding that same capaci-
tor to the feedback of Figure 2 will set a pole in the signal
frequency response at 20MHz, but in this case it will continue
to attenuate the signal gain to below 1. However, the output
noise contribution due the input voltage noise of the OPA656
will still only be reduced to a gain of 1 with the addition of the
feedback capacitor.
DRIVING CAPACITIVE LOADS
One of the most demanding and yet very common load
conditions for an op amp is capacitive loading. Often, the
capacitive load is the input of an ADC—including additional
external capacitance which may be recommended to im-
prove ADC linearity. A high-speed, high open-loop gain
amplifier like the OPA656 can be very susceptible to de-
creased stability and closed-loop response peaking when a
capacitive load is placed directly on the output pin. When the
amplifier’s open loop output resistance is considered, this
capacitive load introduces an additional pole in the signal
path that can decrease the phase margin. Several external
solutions to this problem have been suggested. When the
primary considerations are frequency response flatness, pulse
response fidelity and/or distortion, the simplest and most
effective solution is to isolate the capacitive load from the
feedback loop by inserting a series isolation resistor between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com