Electronic Components Datasheet Search
  English  ▼

X  

OPA2830 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2830
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2830 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  OPA2830 Datasheet HTML 1Page - National Semiconductor (TI) OPA2830 Datasheet HTML 2Page - National Semiconductor (TI) OPA2830 Datasheet HTML 3Page - National Semiconductor (TI) OPA2830 Datasheet HTML 4Page - National Semiconductor (TI) OPA2830 Datasheet HTML 5Page - National Semiconductor (TI) OPA2830 Datasheet HTML 6Page - National Semiconductor (TI) OPA2830 Datasheet HTML 7Page - National Semiconductor (TI) OPA2830 Datasheet HTML 8Page - National Semiconductor (TI) OPA2830 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
ELECTRICAL CHARACTERISTICS: VS = +5V
OPA2830
www.ti.com.................................................................................................................................................. SBOS309D – AUGUST 2004 – REVISED AUGUST 2008
Boldface limits are tested at +25°C.
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 72).
OPA2830ID, IDGK
TYP
MIN/MAX OVER TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(1)
+70°C(2)
+85°C(2)
UNITS
MAX
LEVEL(3)
AC PERFORMANCE (see Figure 72)
Small-Signal Bandwidth
G = +1, VO ≤ 0.2VPP
230
MHz
typ
C
G = +2, VO ≤ 0.2VPP
100
70
68
66
MHz
min
B
G = +5, VO ≤ 0.2VPP
21
15
14
13
MHz
min
B
G = +10, VO ≤ 0.2VPP
10
7
6
5
MHz
min
B
Gain-Bandwidth Product
G
≥ +10
100
75
65
59
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.2VPP
4
dB
typ
C
Slew Rate
G = +2, 2V Step
500
270
260
250
V/
µs
min
B
Rise Time
0.5V Step
3.4
5.8
5.9
6.0
ns
max
B
Fall Time
0.5V Step
3.4
5.8
5.9
6.0
ns
max
B
Settling Time to 0.1%
G = +2, 1V Step
44
65
67
68
ns
max
B
Harmonic Distortion
VO = 2VPP, f = 5MHz
2nd-Harmonic
RL = 150Ω
–58
–52
–51
–50
dBc
min
B
RL ≥ 500Ω
–62
–56
–55
–54
dBc
min
B
3rd-Harmonic
RL = 150Ω
–58
–50
–49
–48
dBc
min
B
RL ≥ 500Ω
–84
–65
–62
–60
dBc
min
B
Input Voltage Noise
f > 1MHz
9.2
10.3
10.8
11.3
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
3.5
4.6
5.1
5.6
pA/
√Hz
max
B
NTSC Differential Gain
0.075
%
typ
C
NTSC Differential Phase
0.087
°
typ
C
DC PERFORMANCE(4)
RL = 150Ω
Open-Loop Voltage Gain
72
66
65
64
dB
min
A
Input Offset Voltage
±0.5
±5.5
±6.5
±7.0
mV
max
A
Average Offset Voltage Drift
—
±22
±22
µV/°C
max
B
Input Bias Current
VCM = 2.5V
+5
+10
+12
+13
µA
max
A
Input Bias Current Drift
±44
±46
nA/°C
max
B
Input Offset Current
VCM = 2.5V
±0.2
±0.9
±1.1
±1.3
µA
max
A
Input Offset Current Drift
—
±5
±6
nA/°C
max
B
INPUT
Least Positive Input Voltage
–0.5
–0.4
–0.3
–0.2
V
max
A
Most Positive Input Voltage
3.2
3.1
3.0
2.9
V
min
A
Common-Mode Rejection Ratio (CMRR)
Input-Referred
80
76
74
71
dB
min
A
Input Impedance, Differential Mode
10 || 2.1
k
Ω || pF
typ
C
Common-Mode
400 || 1.2
k
Ω || pF
typ
C
OUTPUT
Least Positive Output Voltage
G = +5, RL = 1kΩ to 2.5V
0.09
0.11
0.12
0.13
V
max
A
G = +5, RL = 150Ω to 2.5V
0.21
0.24
0.25
0.26
V
max
A
Most Positive Output Voltage
G = +5, RL = 1kΩ to 2.5V
4.91
4.89
4.88
4.87
V
min
A
G = +5, RL = 150Ω to 2.5V
4.78
4.75
4.73
4.72
V
min
A
Current Output, Sinking and Sourcing
±75
±58
±53
±50
mA
min
A
Short-Circuit Output Current
Output Shorted to Either Supply
140
mA
typ
C
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.06
Ω
typ
C
(1)
Junction temperature = ambient for +25°C specifications.
(2)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +6°C at high temperature limit for over
temperature specifications.
(3)
Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4)
Current is considered positive out of pin.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com