Electronic Components Datasheet Search
  English  ▼

X  

OPA2889ID Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2889ID
Description  Dual, Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2889ID Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button OPA2889ID Datasheet HTML 10Page - National Semiconductor (TI) OPA2889ID Datasheet HTML 11Page - National Semiconductor (TI) OPA2889ID Datasheet HTML 12Page - National Semiconductor (TI) OPA2889ID Datasheet HTML 13Page - National Semiconductor (TI) OPA2889ID Datasheet HTML 14Page - National Semiconductor (TI) OPA2889ID Datasheet HTML 15Page - National Semiconductor (TI) OPA2889ID Datasheet HTML 16Page - National Semiconductor (TI) OPA2889ID Datasheet HTML 17Page - National Semiconductor (TI) OPA2889ID Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
6.5
5.5
4.5
3.5
2.5
1.5
0.5
0.5
1.5
-
-
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Time(10ns/div)
OutputVoltage
LeftScale
InputVoltage
RightScale
-
-
-
-
65
70
75
80
85
-
100
1k
LoadResistance( )
W
V =2V
O
PP
f=1MHz
G=+2V/V
3rdHarmonic
2ndHarmonic
-30
40
50
60
70
80
90
100
-
-
-
-
-
-
-
0.1
10
Frequency(MHz)
1
V =2V
O
PP
L
S
R =200
toV /2
G=+2V/V
W
3rdHarmonic
2ndHarmonic
-60
65
70
75
80
85
90
-
-
-
-
-
-
0.1
10
OutputVoltageSwing(V
)
PP
1
R =200
toV /2
f=1MHz
G=+2V/V
W
L
S
3rdHarmonic
2ndHarmonic
-60
65
70
75
80
85
90
-
-
-
-
-
-
0.1
10
Gain(V/V)
3rdHarmonic
2ndHarmonic
-30
40
50
60
70
80
90
100
-
-
-
-
-
-
-
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
Single-ToneLoadPower(dBm)
5MHz
500kHz
1MHz
LoadPowerofMatched50
Load
W
OPA2889
SBOS373B – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 100Ω, unless otherwise noted. See Figure 51.
NONINVERTING OVERDRIVE RECOVERY
HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 39.
Figure 40.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 41.
Figure 42.
HARMONIC DISTORTION vs NONINVERTING GAIN
TWO-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
Figure 43.
Figure 44.
14
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com