Electronic Components Datasheet Search
  English  ▼

X  

OPA2890ID Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2890ID
Description  Low-Power, Wideband, Voltage-Feedback Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2890ID Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button OPA2890ID Datasheet HTML 17Page - National Semiconductor (TI) OPA2890ID Datasheet HTML 18Page - National Semiconductor (TI) OPA2890ID Datasheet HTML 19Page - National Semiconductor (TI) OPA2890ID Datasheet HTML 20Page - National Semiconductor (TI) OPA2890ID Datasheet HTML 21Page - National Semiconductor (TI) OPA2890ID Datasheet HTML 22Page - National Semiconductor (TI) OPA2890ID Datasheet HTML 23Page - National Semiconductor (TI) OPA2890ID Datasheet HTML 24Page - National Semiconductor (TI) OPA2890ID Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
6kW
R
2A
402W
C
1A
128.7pF
C
2
257.4pF
C
1B
128.7pF
R
1A
402W
R
1B
402W
R3A
232W
R3B
232W
50W
6kW
+12V
V
CM
V
CM
V
OUT
V
IN
1000pF
50W
1/2
OPA2890
1/2
OPA2890
R
2B
402W
OPA2890
www.ti.com
SBOS364C – DECEMBER 2007 – REVISED DECEMBER 2009
Figure 58. Single-Supply, MFB Active Filter, 2MHz LP Butterworth
DESIGN-IN TOOLS
MACROMODELS
Computer simulation of circuit performance using
SPICE
is
often
useful
when
analyzing
the
DEMONSTRATION FIXTURES
performance of analog circuits and systems. This
Two printed circuit boards (PCBs) are available to
principle is particularly true for video and RF amplifier
assist in the initial evaluation of circuit performance
circuits where parasitic capacitance and inductance
using the OPA2890 in its two package options. Both
can have a major effect on circuit performance. A
of these are offered free of charge as unpopulated
SPICE model for the OPA2890 (use two OPA890
PCBs, delivered with a user’s guide. The summary
SPICE models) is available through the Texas
information for these fixtures is shown in Table 1.
Instruments web page (www.ti.com). This model does
a good job of predicting small-signal ac and transient
Table 1. Demonstration Fixtures by Package
performance under a wide variety of operating
conditions. It does not do as well in predicting the
LITERATURE
PRODUCT
PACKAGE
ORDERING NUMBER
NUMBER
harmonic distortion or dG/dP characteristics. This
OPA2890ID
SO-8
DEM-OPA-SO-2A
SBOU003
model does not attempt to distinguish between the
package types in small-signal ac performance.
OPA2890IDG
MSOP-10
DEM-OPA-MSOP-2B
SBOU040
S
The demonstration fixtures can be requested at the
Texas Instruments web site (www.ti.com) through the
OPA2890 product folder.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com