Electronic Components Datasheet Search
  English  ▼

X  

OPA2889IDGST Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2889IDGST
Description  Dual, Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2889IDGST Datasheet(HTML) 2 Page - National Semiconductor (TI)

  OPA2889IDGST Datasheet HTML 1Page - National Semiconductor (TI) OPA2889IDGST Datasheet HTML 2Page - National Semiconductor (TI) OPA2889IDGST Datasheet HTML 3Page - National Semiconductor (TI) OPA2889IDGST Datasheet HTML 4Page - National Semiconductor (TI) OPA2889IDGST Datasheet HTML 5Page - National Semiconductor (TI) OPA2889IDGST Datasheet HTML 6Page - National Semiconductor (TI) OPA2889IDGST Datasheet HTML 7Page - National Semiconductor (TI) OPA2889IDGST Datasheet HTML 8Page - National Semiconductor (TI) OPA2889IDGST Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PIN ASSIGNMENTS
1
2
3
4
8
7
6
5
+V
S
OutB
-InB
+InB
OutA
-InA
+InA
-VS
A
B
TopView
SO-8
TopView
MSOP-10
1
2
3
4
5
10
9
8
7
6
-InA
OutA
+V
S
OutB
-InB
+InA
DISA
-VS
DISB
+InB
OPA2889
SBOS373B – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA2889ID
Rail, 75
OPA2889
SO-8
D
–40°C to +85°C
OP2889
OPA2889IDR
Tape and Reel, 2500
OPA2889IDGST
Tape and Reel, 250
OPA2889
MSOP-10
DGS
–40°C to +85°C
BZY
OPA2889IDGSR
Tape and Reel, 2500
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range, unless otherwise noted.
OPA2889
UNIT
Power supply
±6.5
V
Internal power dissipation
See Thermal Characteristics
Input voltage range
±VS
V
Storage temperature range
–65 to +125
°C
Lead temperature (soldering, 10s)
+260
°C
Maximum junction temperature (TJ)
+150
°C
Maximum junction temperature (TJ), continuous operation
+140
°C
ESD Rating:
Human body model (HBM)
2000
V
Charge device model (CDM)
1000
V
Machine model (MM)
150
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com