Electronic Components Datasheet Search
  English  ▼

X  

OPA2889IDRG4 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA2889IDRG4
Description  Dual, Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2889IDRG4 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button OPA2889IDRG4 Datasheet HTML 3Page - National Semiconductor (TI) OPA2889IDRG4 Datasheet HTML 4Page - National Semiconductor (TI) OPA2889IDRG4 Datasheet HTML 5Page - National Semiconductor (TI) OPA2889IDRG4 Datasheet HTML 6Page - National Semiconductor (TI) OPA2889IDRG4 Datasheet HTML 7Page - National Semiconductor (TI) OPA2889IDRG4 Datasheet HTML 8Page - National Semiconductor (TI) OPA2889IDRG4 Datasheet HTML 9Page - National Semiconductor (TI) OPA2889IDRG4 Datasheet HTML 10Page - National Semiconductor (TI) OPA2889IDRG4 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TYPICAL CHARACTERISTICS: VS = ±5V
9
6
3
0
3
6
9
-
-
-
1
10
100
200
Frequency(MHz)
R =100W
L
G=+2V/V
V =2V
O
PP
V =4V
O
PP
V =0.5V
O
PP
V =1V
O
PP
3
0
3
6
9
12
15
18
-
-
-
-
-
-
100k
1M
10M
100M
300M
Frequency(Hz)
G=+5V/V
G=+2V/V
G=+1V/V
R =0
F
W
V =0.1V
O
PP
G=+10V/V
150
100
50
0
50
100
150
-
-
-
Time(10ns/div)
V =200mV
G=+2V/V
O
PP
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
Time(10ns/div)
V =2V
G=+2V/V
O
PP
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
1
2
3
4
VideoLoads
-dP
-dG
+dP
+dG
-40
50
60
70
80
90
-
-
-
-
-
1M
10M
100M
1G
Frequency(Hz)
Input-Referred
OPA2889
www.ti.com ....................................................................................................................................................... SBOS373B – JUNE 2007 – REVISED AUGUST 2008
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 100Ω, unless otherwise noted. See Figure 50.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 3.
Figure 4.
VIDEO DIFFERENTIAL GAIN/DIFFERENTIAL PHASE
CHANNEL-TO-CHANNEL CROSSTALK
Figure 5.
Figure 6.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com