Electronic Components Datasheet Search
  English  ▼

X  

OPA835IDBVR Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA835IDBVR
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA835IDBVR Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button OPA835IDBVR Datasheet HTML 35Page - National Semiconductor (TI) OPA835IDBVR Datasheet HTML 36Page - National Semiconductor (TI) OPA835IDBVR Datasheet HTML 37Page - National Semiconductor (TI) OPA835IDBVR Datasheet HTML 38Page - National Semiconductor (TI) OPA835IDBVR Datasheet HTML 39Page - National Semiconductor (TI) OPA835IDBVR Datasheet HTML 40Page - National Semiconductor (TI) OPA835IDBVR Datasheet HTML 41Page - National Semiconductor (TI) OPA835IDBVR Datasheet HTML 42Page - National Semiconductor (TI) OPA835IDBVR Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
OPA835
OPA2835
www.ti.com
SLOS713E – JANUARY 2011 – REVISED JULY 2013
Changes from Revision B (May 2011) to Revision C
Page
•
Added the "The OPA835 RUN package..." text to the DESCRIPTION ................................................................................ 1
•
Removed Product Preview from all devices except OPA835IRUNT and OPA835IRUNR ................................................... 2
•
Replaced the TBD values in the Thermal Information table ................................................................................................. 2
•
Changed - Channel to channel crosstalk (OPA2835) Typ value From: TBD To: -120 dB ................................................... 3
•
Changed the Common-mode rejection ratio Min value From: 91 dB To: 88 dB .................................................................. 4
•
Added GAIN SETTING RESISTORS (OPA835IRUN ONLY) .............................................................................................. 5
•
Changed the Quiescent operating current (TA = 25°C) Min value From: 190 µA To: 175 µA .............................................. 5
•
Changed the Power supply rejection (±PSRR) Min value From: 91 dB To: 88 dB .............................................................. 5
•
Changed the Powerdown pin bias current CONDITIONS From: PD = 0.7V To: PD = 0.5V ................................................ 5
•
Changed the Powerdown quiescent current CONDITIONS From: PD = 0.7V To: PD = 0.5V ............................................. 5
•
Changed - Channel to channel crosstalk (OPA2835) Typ value From: TBD To: -120 dB ................................................... 6
•
Changed the Common-mode rejection ratio Min value From: 94 dB To: 91 dB .................................................................. 7
•
Added GAIN SETTING RESISTORS (OPA835IRUN ONLY) .............................................................................................. 8
•
Changed the Quiescent operating current (TA = 25°C) Min value From: 215 µA To: 200 µA .............................................. 8
•
Changed the Power supply rejection (±PSRR) Min value From: 93 dB To: 90 dB .............................................................. 8
•
Changed the Powerdown quiescent current CONDITIONS From: PD = 0.7V To: PD = 0.5V ............................................. 8
•
Changed the Powerdown quiescent current CONDITIONS From: PD = 0.7V To: PD = 0.5V ............................................. 8
•
Changed the OPA835 WQFN-10 (RUN) pinout image ........................................................................................................ 9
•
Added Figure Crosstalk vs Frequency ................................................................................................................................ 14
•
Added Figure Crosstalk vs Frequency ................................................................................................................................ 20
•
Added section Single Ended to Differential Amplifier ......................................................................................................... 24
Changes from Revision C (September 2011) to Revision D
Page
•
Removed Product Preview from OPA835IRUNT and OPA835IRUNR ................................................................................ 2
•
Changed Resistor Temperature Coefficient From: TBD To: <10 ......................................................................................... 5
•
Changed Quiescent operating current To: Quiescent operating current per amplifer .......................................................... 5
•
Changed Resistor Temperature Coefficient From: TBD To: <10 ......................................................................................... 8
•
Changed Quiescent operating current To: Quiescent operating current per amplifer .......................................................... 8
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com