Electronic Components Datasheet Search
  English  ▼

X  

THS4012CDG4 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CDG4
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CDG4 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4012CDG4 Datasheet HTML 1Page - National Semiconductor (TI) THS4012CDG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4012CDG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4012CDG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4012CDG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4012CDG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4012CDG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4012CDG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4012CDG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
THS4011
THS4012
www.ti.com
SLOS216E – JUNE 1999 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS
VCC = ±15 V, RL = 150 Ω, TA = 25°C (unless otherwise noted)
THS4011C/I
THS4012C/I
PARAMETER
TEST CONDITIONS(1)
UNIT
TYP
DYNAMIC PERFORMANCE
VCC = ±15 V
290
Unity-gain bandwidth (–3 dB)
Gain = 1
MHz
VCC = ±5 V
270
VCC = ±15 V
70
BW
Bandwidth for 0.1-dB flatness
Gain = 1
MHz
VCC = ±5 V
35
VCC = ±15 V, RL = 150 Ω
VO(PP) = 20 V
4.9
MHz
Full-power bandwidth(2)
VCC = ±5 V, RL = 150 Ω
VO(PP) = 5 V
16
MHz
VCC = ±15 V
310
SR
Slew rate
Gain = –1, RL = 150 Ω
V/ms
VCC = ±5 V
260
VCC = ±15 V
37
Settling time to 0.1%
VI = –2.5 V to 2.5 V, Gain = –12
ns
VCC = ±5 V
35
ts
VCC = ±15 V
90
Settling time to 0.01%
VI = –2.5 V to 2.5 V, Gain = –12
ns
VCC = ±5 V
70
NOISE/DISTORTION PERFORMANCE
THD
Total harmonic distortion
VCC = ±15 V, fc = 1 MHz,
VO(PP) = 2 V
–80
dBc
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
f = 10 kHz
7.5
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
f = 10 kHz
1
pA/
√Hz
VCC = ±15 V
0.01%
Differential gain error
. Gain = 2, RL = 150 Ω, NTSC
VCC = ±5 V
0.01%
VCC = ±15 V
0.01°
Differential phase error
. Gain = 2, RL = 150 Ω, NTSC
VCC = ±5 V
0.001°
(1)
Full range = 0°C to 70°C for the C suffix and –40°C to 85°C for the I suffix.
(2)
Full-power bandwidth = Slew rate/2p VO(peak)
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com