Electronic Components Datasheet Search
  English  ▼

X  

THS4012CDR Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CDR
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CDR Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4012CDR Datasheet HTML 6Page - National Semiconductor (TI) THS4012CDR Datasheet HTML 7Page - National Semiconductor (TI) THS4012CDR Datasheet HTML 8Page - National Semiconductor (TI) THS4012CDR Datasheet HTML 9Page - National Semiconductor (TI) THS4012CDR Datasheet HTML 10Page - National Semiconductor (TI) THS4012CDR Datasheet HTML 11Page - National Semiconductor (TI) THS4012CDR Datasheet HTML 12Page - National Semiconductor (TI) THS4012CDR Datasheet HTML 13Page - National Semiconductor (TI) THS4012CDR Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
120
100
80
60
40
20
1k
10k
100k
1M
0
f − Frequency − Hz
10M
100M
VCC = ±5V
VCC = ±15 V
−40
−60
100k
10M
100M
−90
f − Frequency − Hz
1M
−80
−50
−70
VI =CH1
VO =CH2
1G
VI =CH2
VO =CH1
0
−30
−20
−10
VCC = ±15 V
80
1k
100K
1M
−20
f − Frequency − Hz
10K
0
60
20
40
100
10M
100M
1G
VCC = ±5 V
VCC = ±15 V
−40
−50
−60
−70
−80
−90
100k
1M
10M
f − Frequency − Hz
−100
−110
2ndHarmonic
VCC = ±15V
RL =1kΩ
G=2
3rdHarmonic
−40
−50
−60
−70
−80
−90
100k
1M
10M
f − Frequency − Hz
−100
−110
2ndHarmonic
VCC = ±5V
RL =1kΩ
G=2
3rdHarmonic
−40
−50
−60
−70
−80
−90
100k
1M
10M
f − Frequency − Hz
−100
−110
2ndHarmonic
VCC = ±15V
RL =150 Ω
G=2
3rdHarmonic
−40
−50
−60
−70
−80
−90
100k
1M
10M
f − Frequency − Hz
−100
−110
2ndHarmonic
VCC = ±5V
RL =150 Ω
G=2
3rdHarmonic
5
0
−5
−10
−15
0
100k
1M
10M
100M
1G
f − Frequency − Hz
−20
−25
RF =270 Ω
VCC = ±15V
RL =150 Ω
G=1
RF =100 Ω
5
0
−5
−10
−15
100k
1M
10M
100M
1G
f − Frequency − Hz
−20
RF =270 Ω
VCC = ±5V
RL =150 Ω
G=1
RF =100 Ω
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
CMRR
CROSSTALK
OPEN-LOOP GAIN RESPONSE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
DISTORTION
DISTORTION
DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
DISTORTION
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com