Electronic Components Datasheet Search
  English  ▼

X  

3520 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3520
Description  PC POWER SUPPLY PWM SUPERVISOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3520 Datasheet(HTML) 2 Page - Unisonic Technologies

  3520 Datasheet HTML 1Page - Unisonic Technologies 3520 Datasheet HTML 2Page - Unisonic Technologies 3520 Datasheet HTML 3Page - Unisonic Technologies 3520 Datasheet HTML 4Page - Unisonic Technologies 3520 Datasheet HTML 5Page - Unisonic Technologies 3520 Datasheet HTML 6Page - Unisonic Technologies 3520 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3520
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-923.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
V33
3.3V OVP/UVP input
2
V5
5V OVP/UVP input
3
V12
12V OVP/UVP input
4
PT
Extra OVP protection input
5
GND
Gnd
6
RT
Oscillation frequency by setting external resistor
7
C1
PWM OUTPUT 1
8
C2
PWM OUTPUT 2
9
REM
Remote on/off input
REM=”low” means the main SMPS is turned-on
REM=”high” means the main SMPS is turned-off
10
SS
Soft start function by setting external capacitor
11
PG
Power good signal
PG=”high” means “power good”
PG=”low” means “power fail”
12
DET
Power Good Signal Detection Input
13
VCC
Power
14
OPOUT
OP AMP OUTPUT
15
OPNEGIN
OP AMP NEGATIVE INPUT
16
VADJ
OP compensation positive input



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com