Electronic Components Datasheet Search
  English  ▼

X  

THS4061 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4061
Description   180 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4061 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4061 Datasheet HTML 8Page - National Semiconductor (TI) THS4061 Datasheet HTML 9Page - National Semiconductor (TI) THS4061 Datasheet HTML 10Page - National Semiconductor (TI) THS4061 Datasheet HTML 11Page - National Semiconductor (TI) THS4061 Datasheet HTML 12Page - National Semiconductor (TI) THS4061 Datasheet HTML 13Page - National Semiconductor (TI) THS4061 Datasheet HTML 14Page - National Semiconductor (TI) THS4061 Datasheet HTML 15Page - National Semiconductor (TI) THS4061 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
10k
10M
100M
f − Frequency − Hz
1M
100k
100
60
20
0
80
40
120
VCC = ±15 V, ±5 V
Figure 15
f − Frequency − Hz
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
1k
10k
10M
100M
1M
100k
−40
−20
0
−30
−10
−80
−60
−70
−50
VCC = ±15 V, ±5 V
Figure 16
TA − Free-Air Temperature − °C
POWER SUPPLY REJECTION RATIO
vs
FREE-AIR TEMPERATURE
−40
−20
0
80
40
20
88
84
80
72
86
82
90
60
100
78
74
76
VCC = −15 V
VCC = 15 V
Figure 17
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
±4
±6
±8
±10
±16
VCC − Supply Voltage − V
±14
±12
30
20
10
0
25
15
5
RL = 1 kΩ
RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com