Electronic Components Datasheet Search
  English  ▼

X  

THS4062CD Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4062CD
Description   180 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4062CD Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button THS4062CD Datasheet HTML 12Page - National Semiconductor (TI) THS4062CD Datasheet HTML 13Page - National Semiconductor (TI) THS4062CD Datasheet HTML 14Page - National Semiconductor (TI) THS4062CD Datasheet HTML 15Page - National Semiconductor (TI) THS4062CD Datasheet HTML 16Page - National Semiconductor (TI) THS4062CD Datasheet HTML 17Page - National Semiconductor (TI) THS4062CD Datasheet HTML 18Page - National Semiconductor (TI) THS4062CD Datasheet HTML 19Page - National Semiconductor (TI) THS4062CD Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
offset nulling
The THS4061 has very low input offset voltage for a high-speed amplifier. However, if additional correction is
required, an offset nulling function has been provided. By placing a potentiometer between terminals 1 and 8
and tying the wiper to the negative supply, the input offset can be adjusted. This is shown in
Figure 26.
_
+
THS4061
VCC −
VCC+
0.1
µF
0.1
µF
10 k
Ω
Figure 26. Offset Nulling Schematic
optimizing unity gain response
Internal frequency compensation of the THS406x was selected to provide very wideband performance yet still
maintain stability when operated in a noninverting unity gain configuration. When amplifiers are compensated
in this manner there is usually peaking in the closed loop response and some ringing in the step response for
very fast input edges, depending upon the application. This is because a minimum phase margin is maintained
for the G=+1 configuration. For optimum settling time and minimum ringing, a feedback resistor of 270
Ω should
be used as shown in Figure 27. Additional capacitance can also be used in parallel with the feedback resistance
if even finer optimization is required.
_
+
THS406x
270
Ω
Input
Output
Figure 27. Noninverting, Unity Gain Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com