Electronic Components Datasheet Search
  English  ▼

X  

THS4082ID Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4082ID
Description  175 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4082ID Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4082ID Datasheet HTML 1Page - National Semiconductor (TI) THS4082ID Datasheet HTML 2Page - National Semiconductor (TI) THS4082ID Datasheet HTML 3Page - National Semiconductor (TI) THS4082ID Datasheet HTML 4Page - National Semiconductor (TI) THS4082ID Datasheet HTML 5Page - National Semiconductor (TI) THS4082ID Datasheet HTML 6Page - National Semiconductor (TI) THS4082ID Datasheet HTML 7Page - National Semiconductor (TI) THS4082ID Datasheet HTML 8Page - National Semiconductor (TI) THS4082ID Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
dc performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V, VO = ± 10 V, RL = 1 kΩ
TA = 25°C
10
19
V/mV
Open loop gain
VCC = ± 15 V, VO = ± 10 V, RL = 1 kΩ
TA = full range†
9
V/mV
Open loop gain
VCC = ± 5 V,
VO = ± 2.5 V, RL = 250 Ω
TA = 25°C
8
16
V/mV
VCC = ± 5 V,
VO = ± 2.5 V, RL = 250 Ω
TA = full range†
7
V/mV
VOS
Input offset voltage
TA = 25°C
1
7
mV
VOS
Input offset voltage
TA = full range†
8
mV
Offset voltage drift
TA = full range†
15
µV/°C
IIB
Input bias current
VCC = ± 5 V or ± 15 V
TA = 25°C
1.2
6
A
IIB
Input bias current
VCC = ± 5 V or ± 15 V
TA = full range†
8
µA
IOS
Input offset current
TA = 25°C
20
250
nA
IOS
Input offset current
TA = full range†
400
nA
Offset current drift
TA = full range†
0.3
nA/
°C
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ± 15 V
±13.8 ±14.1
V
VICR
Common mode input voltage range
VCC = ± 5 V
±3.8
±3.9
V
CMRR
Common mode rejection ratio
VCC = ± 15 V, VICR = ± 12 V,
TA = full range†
78
90
dB
CMRR
Common mode rejection ratio
VCC = ± 5 V,
VICR = ± 2 V,
TA = full range†
84
93
dB
RI
Input resistance
1
M
Ω
CI
Input capacitance
1.5
pF
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V,
RL = 250 Ω
±12 ±13.6
V
VO
Output voltage swing
VCC = ± 5 V,
RL = 150 Ω
±3.4
±3.8
V
VO
Output voltage swing
VCC = ± 15 V
RL = 1 kΩ
±13.5 ±13.8
V
VCC = ± 5 V
RL = 1 kΩ
±3.5
±3.9
V
IO
Output current
VCC = ± 15 V
RL = 20 Ω
65
85
mA
IO
Output current
VCC = ± 5 V
RL = 20 Ω
50
70
mA
ISC
Short-circuit current‡
VCC = ± 15 V
100
mA
RO
Output resistance
Open loop
13
Ω
‡ Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or
shorted. See the absolute maximum ratings section of this data sheet for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com