Electronic Components Datasheet Search
  English  ▼

X  

OPA2822U Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2822U
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2822U Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA2822U Datasheet HTML 13Page - Texas Instruments OPA2822U Datasheet HTML 14Page - Texas Instruments OPA2822U Datasheet HTML 15Page - Texas Instruments OPA2822U Datasheet HTML 16Page - Texas Instruments OPA2822U Datasheet HTML 17Page - Texas Instruments OPA2822U Datasheet HTML 18Page - Texas Instruments OPA2822U Datasheet HTML 19Page - Texas Instruments OPA2822U Datasheet HTML 20Page - Texas Instruments OPA2822U Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
OPA2822
17
SBOS188E
www.ti.com
ACTIVE FILTER APPLICATIONS
As a low-noise, low-distortion, unity-gain stable, voltage-
feedback amplifier, the OPA2822 provides an ideal building
block for high-performance active filters. With two channels
available, it can be used either as a cascaded 2-stage active
filter or as a differential filter. Figure 6 shows a 6th-order
bandpass filter cascaded with two 2nd-order Sallen-Key
sections, with transmission zeroes along with a passive post
filter made up of a high-pass and a low-pass section. The first
amplifier provides a 2nd-order high-pass stage while the
second amplifier provides the 2nd-order low-pass stage.
Figure 7 shows the frequency response for this example
filter.
A differential active filter is shown in Figure 8. This circuit
shows a single-supply, 2nd-order high-pass filter with the
corner frequencies set to provide the required high-pass
function for an ADSL CPE modem application. To use this
circuit, the hybrid would be implemented as a passive sum-
ming circuit at the input to this filter. For +5V only ADSL
designs, it is preferable to implement a portion of the filtering
prior to the amplifier, thus limiting the amplitude of the
uncancelled line driver signals. This type of receiver stage
would typically then drive a low-pass filter prior to the codec
setting the high-frequency cutoff of the ADC (Analog-to-
Digital Converter) input signal. Figure 9 shows the frequency
response for the high-pass circuit of Figure 8.
FIGURE 6. 6th-Order Bandpass Filter.
FIGURE 7. Frequency Response for the Filter in Figure 6.
FIGURE 9. Frequency Response for the Filter in Figure 8.
FIGURE 8. Single-Supply, 2nd-Order High-Pass Active
Filter with Differential I/O.
–5V
V
O
V
I
1/2
OPA2822
1/2
OPA2822
+5V
225
Ω
158
Ω
150pF
12pF
18pF
180pF
66pF
150
Ω
107
Ω
2.1k
Ω
140
Ω
1.0nF
1.0nF
2.2pF
143
Ω
300
Ω
1.8nF
1.3k
Ω
10
0
–10
–20
–30
–40
–50
–60
Frequency (Hz)
1.0E+04
1.0E+05
1.0E+06
1.0E+08
1.0E+07
1/2
OPA2822
+5V
1/2
OPA2822
V
I
V
O
+V
S
V
S
2
2.2
µF
2.2
µF
2.2
µF
2.2
µF
365
Ω
365
Ω
2k
Ω
2k
Ω
730
Ω
730
Ω
1
µF
3
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
–30
Frequency (Hz)
1.0E+04
1.0E+05
1.0E+06
1.0E+07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com