Electronic Components Datasheet Search
  English  ▼

X  

FMW-24L Datasheet(PDF) 2 Page - Sanken electric

Part # FMW-24L
Description  Silicon Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMW-24L Datasheet(HTML) 2 Page - Sanken electric

  FMW-24L Datasheet HTML 1Page - Sanken electric FMW-24L Datasheet HTML 2Page - Sanken electric FMW-24L Datasheet HTML 3Page - Sanken electric FMW-24L Datasheet HTML 4Page - Sanken electric FMW-24L Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANKEN ELECTRIC CO., LTD.
FMW-24L
050830
2/5
61426-01
4.
Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
40
2
Peak Reverse Voltage
VRM
V
40
3
Average Forward Current
IF(AV)
A
10
Refer to Derating of 7
4
Peak Surge Forward Current
IFSM
A
100
Half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
50
1msec≤t≤10msec
6
Junction Temperature
Tj
°C
-40∼+150
7
Storage Temperature
Tstg
°C
-40∼+150
No.1,2,4&5 show ratings per one chip.
5.
Electrical characteristics (Ta=25°C ,unless otherwise specified)
No
.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.55 max.
IF=5.0A
2
Reverse Leakage Current
IR
uA
500 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
mA
175 max.
VR=VRM, Tj=150°C
4
Thermal Resistance
Rth(j-c)
°C/W
4.0 max.
Between Junction and case
No.1,2,&3 show characteristics per one chip.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com