Electronic Components Datasheet Search
  English  ▼

X  

OPA353 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA353
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA353 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA353 Datasheet HTML 9Page - Texas Instruments OPA353 Datasheet HTML 10Page - Texas Instruments OPA353 Datasheet HTML 11Page - Texas Instruments OPA353 Datasheet HTML 12Page - Texas Instruments OPA353 Datasheet HTML 13Page - Texas Instruments OPA353 Datasheet HTML 14Page - Texas Instruments OPA353 Datasheet HTML 15Page - Texas Instruments OPA353 Datasheet HTML 16Page - Texas Instruments OPA353 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
OPA2822
13
SBOS188E
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V
TA = +25°C, Differential Gain = +2, RF = 604Ω, and RL = 400Ω, unless otherwise noted.
1/2
OPA2822
1/2
OPA2822
0.01
µF
0.01
µF
RG
RG
RL
604
Ω
604
Ω
+5V
+2.5V
+2.5V
VO
VI
GD =
604
Ω
RG
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
DIFFERENTIAL SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
100
500
V
O = 200mVPP
R
L = 400Ω
G
D = +1
G
D = +2
G
D = +5
G
D = +10
12
9
6
3
0
–3
–6
–9
–12
–15
–18
DIFFERENTIAL LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
100
500
V
O = 200mVPP
V
O = 1VPP
V
O = 2VPP
V
O = 5VPP
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Resistance (
Ω)
10
100
1k
–85
–90
–95
–100
–105
2nd-Harmonic
3rd-Harmonic
V
O = 4VPP
G
D = 2
f = 1MHz
DIFFERENTIAL DISTORTION vs FREQUENCY
Frequency (MHz)
110
–55
–65
–75
–85
–95
–105
–115
2nd-Harmonic
3rd-Harmonic
V
O = 2VPP
–95
–100
–105
–110
–115
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
110
2nd-Harmonic
3rd-Harmonic
f = 1MHz
DIFFERENTIAL PERFORMANCE
TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com