Electronic Components Datasheet Search
  English  ▼

X  

28545 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 28545
Description  Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28545 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  28545 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
37
Slotted Interchangeable Blades For TorqueFix & TorqueVario
Slotted tip blades on narrow 5/32 Hex shafts. High alloy chrome-
vanadium-molybdenum steel, hardened, satin hard chrome finish.
285
Phillips Interchangeable Blades For TorqueFix & TorqueVario
Phillips tip blades on narrow 5/32 Hex shafts. High alloy chrome-
vanadium-molybdenum steel, hardened, satin hard chrome finish.
285
Item
Max. Torque
No.
Size
mm
mm
lbs.
Nm
pkg.
285 40
000
175
4.0
.07
0.4
1
285 41
00
175
4.0
.07
0.4
1
285 42
0
175
4.0
.07
0.4
1
285 43
1
175
4.0
.07
3.8
1
Interchangeable Blades For TorqueFix & TorqueVario
tip blades on narrow 5/32 Hex shafts. High alloy chrome-
vanadium-molybdenum steel, hardened, satin hard chrome finish.
285
Item
Max. Torque
No.
Size
mm
mm
lbs.
Nm
pkg.
285 61
T5
175
4.0
.07
0.4
1
285 62
T6
175
4.0
.07
0.6
1
285 63
T7
175
4.0
.07
0.9
1
285 64
T8
175
4.0
.07
1.3
1
285 65
T9
175
4.0
.07
2.5
1
285 66
T10
175
4.0
.07
3.8
1
285 67
T15
175
4.0
.07
5.5
1
285 68
T20
175
4.0
.07
8.0
1
285 69
T25
175
4.0
.07
8.0
1
MagicSpring
Interchangeable Blades For TorqueFix
& TorqueVario blades on narrow 5/32 Hex shafts. High alloy CVM
steel, hardened, satin hard chrome finish.
285
Item
Max. Torque
No.
Size mm
mm
lbs.
Nm
pkg.
285 12
T6
175
4.0
.07
0.6
1
285 27
T7
175
4.0
.07
0.9
1
285 28
T8
175
4.0
.07
1.3
1
285 29
T9
175
4.0
.07
2.5
1
285 30
T10
175
4.0
.07
3.8
1
285 31
T15
175
4.0
.07
5.5
1
285 32
T20
175
4.0
.07
8.0
1
285 33
T25
175
4.0
.07
8.0
1
MagicSpring
Interchangeable Blades For
TorqueFix & TorqueVario blades on narrow 5/32 Hex shafts.
High alloy CVM steel, hardened, satin hard chrome finish.
286
Item
Max. Torque
No.
Size mm mm lbs.
Nm
pkg.
286 11
IP6
175 4.0
.07
0.8
1
286 12
IP7
175 4.0
.07
1.3
1
286 13
IP8
175 4.0
.07
2.0
1
286 14
IP9
175 4.0
.07
3.0
1
286 16
IP10 175 4.0
.07
4.5
1
286 17
IP15 175 4.0
.07
6.6
1
286 18
IP20 175 4.0
.07
8.0
1
286 19
IP25 175 4.0
.07
8.0
1
Plus® Blades For TorqueFix & TorqueVario
Plus® tip blades on narrow 5/32 Hex shafts. High alloy chrome-
vanadium-molybdenum steel, hardened, satin hard chrome finish.
285
Item
Max. Torque
No.
Size
mm
mm
lbs.
Nm
pkg.
285 71
IP5
175
4.0
.07
0.5
1
285 72
IP6
175
4.0
.07
0.8
1
285 73
IP7
175
4.0
.07
1.3
1
285 74
IP8
175
4.0
.07
2.0
1
285 75
IP9
175
4.0
.07
3.0
1
285 76
IP10
175
4.0
.07
4.5
1
285 77
IP15
175
4.0
.07
6.6
1
285 78
IP20
175
4.0
.07
8.0
1
285 79
IP25
175
4.0
.07
8.0
1
Item
Max. Torque
No.
mm
Inch
mm
lbs.
Nm
pkg.
285 34
1.5
.059
175
.07
0.15
1
285 35
2.0
.078
175
.07
0.4
1
285 36
2.5
.098
175
.07
0.4
1
285 37
3.0
.118
175
.07
0.6
1
285 38
3.5
.139
175
.07
1.1
1
285 39
4.0
.157
175
.07
2.5
1
Hex Metric Interchangeable Blades For TorqueFix &
TorqueVario Hex tip blades on narrow 5/32 Hex shafts. High alloy
CVM steel, hardened, satin hard chrome finish.
285
Item
Max. Torque
No.
mm
mm
lbs.
Nm
pkg.
285 45
1.5
175
.07
0.9
1
285 46
2.0
175
.07
1.8
1
285 47
2.5
175
.07
3.8
1
285 48
3.0
175
.07
8.0
1
285 49
4.0
175
.07
8.0
1
Hex Inch Interchangeable Blades For TorqueFix &
TorqueVario Hex tip blades on narrow 5/32 Hex shafts. High alloy
CVM steel, hardened, satin hard chrome finish.
285
Item
Max. Torque
No.
Inch
mm
lbs.
Nm
pkg.
285 55
.050
175
.07
.3
1
285 56
1/16
175
.07
.5
1
285 57
5/64
175
.07
.6
1
285 58
3/32
175
.07
1.3
1
285 59
7/64
175
.07
2.5
1
285 60
1/8
175
.07
3.8
1
285 87
9/64
175
.07
8.0
1
285 88
5/32
175
.07
8.0
1
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
*None of the blades featured on this page will function in a
TorqueVario Insulated Handle
Screw
Holding
Screw
Holding
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 28545

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2854513 PHOENIX-2854513 Datasheet
310Kb / 8P
ME 17,5 UTG BK - Mounting base housing
logo
Weidmuller
2854530000 WEIDMULLER-2854530000 Datasheet
337Kb / 5P
BLF 7.62HP/03/180F SN BK BX PRT
2854540000 WEIDMULLER-2854540000 Datasheet
337Kb / 5P
BLF 7.62HP/06/180F SN BK BX PRT
logo
PHOENIX CONTACT
2854542 PHOENIX-2854542 Datasheet
189Kb / 6P
ME B-22,5 MSTBO RD - Filler plug
2854555 PHOENIX-2854555 Datasheet
58Kb / 3P
Base strip - MSTBO 2,5/ 4-G1L GY
More results

Similar Description - 28545

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71322 ETC2-71322 Datasheet
170Kb / 1P
Wiha Sockets
28122 ETC2-28122 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
logo
TOKYO SEIMITSU CO., LTD
GM ACCRETECH-GM Datasheet
408Kb / 2P
METAL BOND BLADES FOR GLASS
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com