Electronic Components Datasheet Search
  English  ▼

X  

THS4501 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button THS4501 Datasheet HTML 11Page - National Semiconductor (TI) THS4501 Datasheet HTML 12Page - National Semiconductor (TI) THS4501 Datasheet HTML 13Page - National Semiconductor (TI) THS4501 Datasheet HTML 14Page - National Semiconductor (TI) THS4501 Datasheet HTML 15Page - National Semiconductor (TI) THS4501 Datasheet HTML 16Page - National Semiconductor (TI) THS4501 Datasheet HTML 17Page - National Semiconductor (TI) THS4501 Datasheet HTML 18Page - National Semiconductor (TI) THS4501 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
0
100
200
300
400
500
600
700
800
0.1
1
10
100
1000
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 392 Ω
PIN = −1 dBm
VS = ±5 V
−5
0
5
10
15
20
25
30
−5 −4.5 −4 −3.5 −3 −2.5 −2 −1.5 −1 −0.5 0
Power-Down Voltage − V
−1
−2
−5
0 0.5 1
2
0
100.5 101
102
103
−3
−6
−4
0
0.01
0.03
0.02
t − Time − ms
1.5
2.5 3
Current
0
100
200
300
400
500
600
700
800
900
1000
0
0.5 1
1.5 2
2.5 3
3.5
4
4.5 5
VS − Supply Voltage − ±V
RL = 800 Ω
−40 −30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
RL = 800 Ω
VS = ±5 V
0
100
200
300
400
500
600
700
800
900
1000
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS:
±5 V (continued)
SINGLE-ENDED OUTPUT
QUIESCENT CURRENT
IMPEDANCE IN POWER-DOWN
vs
TURN-ON AND TURN-OFF DELAY
vs
POWER-DOWN VOLTAGE
TIME
FREQUENCY
Figure 46.
Figure 47.
Figure 48.
POWER-DOWN QUIESCENT CURRENT
POWER-DOWN QUIESCENT CURRENT
vs
vs
CASE TEMPERATURE
SUPPLY VOLTAGE
Figure 49.
Figure 50.
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com