Electronic Components Datasheet Search
  English  ▼

X  

THS4500CD Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4500CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4500CD Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button THS4500CD Datasheet HTML 30Page - National Semiconductor (TI) THS4500CD Datasheet HTML 31Page - National Semiconductor (TI) THS4500CD Datasheet HTML 32Page - National Semiconductor (TI) THS4500CD Datasheet HTML 33Page - National Semiconductor (TI) THS4500CD Datasheet HTML 34Page - National Semiconductor (TI) THS4500CD Datasheet HTML 35Page - National Semiconductor (TI) THS4500CD Datasheet HTML 36Page - National Semiconductor (TI) THS4500CD Datasheet HTML 37Page - National Semiconductor (TI) THS4500CD Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
VS
RS
RG
RF
RF
+
RT
+
RISO
CL
RG
Riso=10
25
-
W
VS
-VS
RISO
-
-
_
+
4
5
3
7
2
6
VOCM
S
PwrPad
VS
PD
1
8
R0805
R4
C4
C0805
R5 R0805
C3
C0805
R6
R7
R0805
R0805
C5
C6
C0805
C0805
C7
C0805
J2
J3
J2
J3
R2
R0805
R3
R0805
C1
C0805
C2
C0805
R1
R1206
J1
3
1
4
5
6
R11
R1206
R9
R0805
R8
R9
R0805
R0805
J2
J3
J4
T1
U1
THS450X
-V
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
THS4501 product folder on the Texas Instruments
web site, www.ti.com, or through your local Texas
Instruments sales representative. A schematic for the
evaluation board is shown in Figure 116 with the
default component values. Unpopulated footprints are
shown to provide insight into design flexibility.
Figure 115. Use of Isolation Resistors With a
Capacitive Load
POWER-SUPPLY DECOUPLING
TECHNIQUES AND RECOMMENDATIONS
Power-supply decoupling is a critical aspect of any
high-performance amplifier design process. Careful
decoupling provides higher quality ac performance
(most notably improved distortion performance). The
following guidelines ensure the highest level of
performance.
Figure 116. Simplified Schematic of the
Evaluation Board
1. Place decoupling capacitors as close to the
power-supply inputs as possible, with the goal of
minimizing the inductance of the path from
Computer simulation of circuit performance using
ground to the power supply.
SPICE
is
often
useful
when
analyzing
the
performance of analog circuits and systems. This
2. Placement priority should be as follows: smaller
practice is particularly true for video and RF amplifier
capacitors should be closer to the device.
circuits where parasitic capacitance and inductance
3. Use of solid power and ground planes is
can have a major effect on circuit performance. A
recommended to reduce the inductance along
SPICE model for the THS4500 family of devices is
power-supply return current paths.
available through either the Texas Instruments web
4. Recommended
values
for
power-supply
site (www.ti.com) or as one model on a disk from the
decoupling include 10-
μF and 0.1-μF capacitors
Texas
Instruments
Product
Information
Center
for each supply. A 1000-pF capacitor can be
(1-800-548-6132). The PIC is also available for
used across the supplies as well for extremely
design assistance and detailed product information at
high frequency return currents, but often is not
this number. These models do a good job of
required.
predicting small-signal ac and transient performance
under a wide variety of operating conditions. They are
EVALUATION FIXTURES, SPICE MODELS,
not intended to model the distortion characteristics of
AND APPLICATIONS SUPPORT
the amplifier, nor do they attempt to distinguish
between the package types in their small-signal ac
Texas Instruments is committed to providing its
performance. Detailed information about what is and
customers with the highest quality of applications
is not modeled is contained in the model file itself.
support. To support this goal, an evaluation board
has been developed for the THS4500 family of fully
differential amplifiers. The evaluation board can be
obtained by ordering through the THS4500 or
34
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com