Electronic Components Datasheet Search
  English  ▼

X  

THS4532 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4532
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4532 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS4532 Datasheet HTML 1Page - National Semiconductor (TI) THS4532 Datasheet HTML 2Page - National Semiconductor (TI) THS4532 Datasheet HTML 3Page - National Semiconductor (TI) THS4532 Datasheet HTML 4Page - National Semiconductor (TI) THS4532 Datasheet HTML 5Page - National Semiconductor (TI) THS4532 Datasheet HTML 6Page - National Semiconductor (TI) THS4532 Datasheet HTML 7Page - National Semiconductor (TI) THS4532 Datasheet HTML 8Page - National Semiconductor (TI) THS4532 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
5k
10k
15k
20k
24k
Frequency (Hz)
VS = 5 V
G = 1 V/V
VOUT = 1 VRMS
RF = 2 kΩ
RL = 600 Ω
G071
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
Check for Samples: THS4532
1
FEATURES
DESCRIPTION
The THS4532 is a low-power, fully-differential op amp
•
Ultra Low Power:
with input common-mode range below the negative
–
Voltage: 2.5 V to 5.5 V
rail and rail-to-rail output. The device is designed for
–
Current: 250 µA
low-power data acquisition systems and high density
applications
where
power
consumption
and
–
Power-Down Mode: 0.5 µA (typ)
dissipation is critical.
•
Fully-Differential Architecture
The device features accurate output common-mode
•
Bandwidth: 36 MHz
control that allows for dc coupling when driving
•
Slew Rate: 200 V/µs
analog-to-digital converters (ADCs). This control,
•
THD: –120 dBc at 1 kHz (1 VRMS, RL= 2 kΩ)
coupled with the input common-mode range below
the negative rail and rail-to-rail output, allows for easy
•
Input Voltage Noise: 10 nV/
√Hz (f = 1 kHz)
interface from single-ended ground-referenced signal
•
High DC Accuracy:
sources
to
successive-approximation
registers
–
VOS: ±100 µV
(SARs), and delta-sigma (
ΔΣ) ADCs using only
single-supply 2.5-V to 5-V power. The THS4532 is
–
VOS Drift: ±3 µV/˚C (–40°C to +125°C)
also a valuable tool for general-purpose, low-power
–
AOL: 114 dB
differential signal conditioning applications.
•
Rail-to-Rail Output (RRO)
The device is characterized for operation over the
•
Negative Rail Input (NRI)
extended industrial temperature range from –40°C to
•
Output Common-Mode Control
+125°C. The following package options are available:
•
8-pin SOIC (MSOP) and VSSOP (D and DGK)
APPLICATIONS
•
10-pin WQFN (RUN)
•
Low-Power SAR,
ΔΣ ADC Driver
•
Low Power, High Performance:
–
Differential to Differential Amplifier
–
Single-Ended to Differential Amplifier
•
Low-Power, Wide-Bandwidth Differential Driver
•
Low-Power, Wide-Bandwidth Differential
Signal Conditioning
•
High Channel Count and Power Dense
Systems
Figure 1. 1-kHz FFT Plot on Audio Analyzer
Table 1. Related Products
THD (dBc) at 100
DEVICE
BW (MHz)
IQ (mA)
VN (nV/√Hz)
RAIL-TO-RAIL
kHz
THS4521
145
1.14
–120
4.6
Out
THS4520
570
15.3
–114
2
Out
THS4121
100
16
–79
5.4
In/Out
THS4131
150
16
–107
1.3
No
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4532

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4532 TI-THS4532 Datasheet
1Mb / 44P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI-THS4532 Datasheet
3Mb / 51P
THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4532 TI2-THS4532 Datasheet
3Mb / 53P
THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
REVISED FEBRUARY 2021
THS4532IPW TI-THS4532IPW Datasheet
1Mb / 44P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results

Similar Description - THS4532

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531 TI1-THS4531 Datasheet
1Mb / 54P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI-THS4531A Datasheet
1Mb / 50P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI-THS4532 Datasheet
1Mb / 44P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A NSC-THS4531A Datasheet
1Mb / 51P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531 TI1-THS4531_14 Datasheet
1Mb / 56P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI-THS4531_15 Datasheet
1Mb / 55P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI1-THS4531A_16 Datasheet
1Mb / 59P
Ultra Low-Power, Rail-to-Rail Output, Fully Differential Amplifier
THS4532 TI1-THS4532_16 Datasheet
1Mb / 58P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com