Electronic Components Datasheet Search
  English  ▼

X  

P4596 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P4596
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P4596 Datasheet(HTML) 3 Page - Unisonic Technologies

  P4596 Datasheet HTML 1Page - Unisonic Technologies P4596 Datasheet HTML 2Page - Unisonic Technologies P4596 Datasheet HTML 3Page - Unisonic Technologies P4596 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P4596
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R103-064.a
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Voltage
VCC
VSS-0.3~VSS+45
V
Feedback Pin Voltage
VFB
VSS-0.3~6
V
EN/SS Pin Voltage
VEN/SS
VSS-0.3~6
V
OSC Pin Voltage
VOSC
VSS-0.3~3
V
COMP Pin Voltage
VCOMP
VSS-0.3~6
V
VGATE Pin Voltage
VGATE
VSS-0.3~VCC
V
Switch Pin Voltage
VSW
VSS-0.3~VCC+0.3
V
Power Dissipation
PD
Internally limited
mW
Operating Supply Voltage
VOP
8~40
V
Junction Temperature
TJ
-40~+125
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC=12V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Feedback Voltage
VFB
VCC=10V~30V, IOUT=0~2A
TJ=-20°C~125°C
0.800 0.815 0.830
V
Quiescent Current
ICCQ
VFB=1V
3
6
mA
Feedback Bias Current
IFB
IOUT=0.1A
0.1
μA
Shutdown Supply Current
ISD
VEN/SS=0V
10
56
300
μA
Current Limit
ICL
3.5
A
Adjustable Frequency Range
FOSC
50
380
KHz
Short Frequency
FOSC1
VCC=10V~30V
45
50
55
KHz
EN/SS Pin Shutdown Logic Input
Threshold Voltage
VENL
0.8
V
EN/SS Pull High Current
IEN/SS
VEN/SS=0V
8
μA
Internal MOSFET RDSON
RDSON
VCC=12V, VFB=0V
80
180
mΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com