Electronic Components Datasheet Search
  English  ▼

X  

THS4501CDGNG4 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4501CDGNG4
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CDGNG4 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4501CDGNG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4501CDGNG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4501CDGNG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4501CDGNG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4501CDGNG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4501CDGNG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4501CDGNG4 Datasheet HTML 14Page - National Semiconductor (TI) THS4501CDGNG4 Datasheet HTML 15Page - National Semiconductor (TI) THS4501CDGNG4 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
f= 30 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Differentia Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
f= 8 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
400
800
1200
1600
HD2
HD3
RL − Load Resistance − Ω
Single-Ended Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 392 Ω
f= 30 MHz
VS = ±5 V
30
35
40
45
50
55
0
20
40
60
80
100
120
f
Frequency
MHz
-
-
Gain = 1
RF = 392 W
VO = 2 VPP
VS = ± 5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
400
800
1200
1600
HD2
HD3
RL − Load Resistance − Ω
Differential Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 392 Ω
f= 30 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
10
100
f − Frequency − MHz
Single-Ended Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 392 Ω
VO = 2 VPP
VS = ±5 V
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
0
2
4
6
8
10
12
14
t
Time
ns
-
-
Gain = 1
RL = 800 W
RF = 499 W
f= 1MHz
VS = ±5 V
Rising Edge
Falling Edge
0
5
10
15
20
t − Time − ns
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 1 MHz
VS = ±5 V
Rising Edge
Falling Edge
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
0
500
1000
1500
2000
2500
3000
VO − Differential Output Voltage Step − V
Gain = 1
RL = 800 Ω
Rf = 392 Ω
VS = ±5 V
0.5 1
1.5
2
2.5
3
3.5
4
4.5
5
0
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS:
±5 V (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
LOAD RESISTANCE
Figure 19.
Figure 20.
Figure 21.
THIRD-ORDER INTERMODULATION
THIRD-ORDER OUTPUT INTERCEPT
HARMONIC DISTORTION
DISTORTION
POINT
vs
vs
vs
LOAD RESISTANCE
FREQUENCY
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
SLEW RATE
vs
DIFFERENTIAL OUTPUT VOLTAGE
STEP
SETTLING TIME
SETTLING TIME
Figure 25.
Figure 26.
Figure 27.
12
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com