Electronic Components Datasheet Search
  English  ▼

X  

UB244A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB244A
Description  LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB244A Datasheet(HTML) 2 Page - Unisonic Technologies

  UB244A Datasheet HTML 1Page - Unisonic Technologies UB244A Datasheet HTML 2Page - Unisonic Technologies UB244A Datasheet HTML 3Page - Unisonic Technologies UB244A Datasheet HTML 4Page - Unisonic Technologies UB244A Datasheet HTML 5Page - Unisonic Technologies UB244A Datasheet HTML 6Page - Unisonic Technologies UB244A Datasheet HTML 7Page - Unisonic Technologies UB244A Datasheet HTML 8Page - Unisonic Technologies UB244A Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UB244A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R502-857.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Positive power input pin
2
SENSE
Positive voltage connection pin of battery 1
3
VC1
Negative voltage connection pin of battery 1
Positive voltage connection pin of battery 2
4
VC2
Negative voltage connection pin of battery 2
Positive voltage connection pin of battery 3
5
VC3
Negative voltage connection pin of battery 3
Positive voltage connection pin of battery 4
6
VSS
Negative power input pin
Negative voltage connection pin of battery 4
7
ICT
Capacitor connection pin for overcharge detection delay
8
CO
FET gate connection pin for charge
SERIAL CODE LIST
MODEL
CODE
OVERCHARGE DETECTION
VOLTAGE
[VCU](V)
OVERCHARGE HYSTERSIS
VOLTAGE
[VCD](V)
OUTPUT FORM
UB244A
AA
4.450±0.050
0.380±0.10
CMOS output active “H”
AB
4.115±0.050
0.130±0.04
CMOS output active “H”
AC
4.350±0.050
0.045±0.02
CMOS output active “H”
AD
4.450±0.050
0.045±0.02
CMOS output active “H”
AE
4.300±0.050
0.250±0.07
CMOS output active “H”
AF
4.400±0.050
0.045±0.02
CMOS output active “H”
AG
4.500±0.050
0.380±0.10
CMOS output active “H”
AH
4.475±0.050
0.380±0.10
CMOS output active “H”
AI
4.350±0.050
0.250±0.07
CMOS output active “H”
AJ
4.150±0.050
0.250±0.07
CMOS output active “H”
AK
4.250±0.050
0.250±0.07
CMOS output active “H”
AL
4.050±0.050
0.250±0.07
CMOS output active “H”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com