Electronic Components Datasheet Search
  English  ▼

X  

66045 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 66045
Description  STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

66045 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  66045 Datasheet HTML 1Page - List of Unclassifed Manufacturers 66045 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Item Number Reference For Statfree® Type T2 Rubber, Dissipative, 2-Layer
KITS
ROLL STOCK
0.060" (1.5mm)
THICK ROLLS
SIZE
BEIGE
BLUE
DK. GREY
DK. BLUE
24" x 40'
66060
66070
66080
66081
30" x 40'
66115
66110
66105
66106
36" x 40'
66065
66075
66085
66086
48" x 40'
66090
66095
66100
66101
Roll Stock Item Numbers
Type T2
Is Also
Available
In Full
Rolls
SIZE
BEIGE
BLUE
DK. GREY
DK. BLUE
24" x 36"
66030
66040
66050
66051
24" x 48"
66035
66045
66055
66056
Mat Top Kit Item Numbers
MAT TOP KIT INCLUDES
1 Benchmat, Type T2, size as specified
1 09826, common point ground cord
1 09864, universal snap kit
Matting materials have a tendency to shrink slightly when first unrolled. In applications where
length is critical, allow the material to relax for at least 4 hours before cutting to size. Always
trim with a sharp knife or razor blade.
Look for the Statfree® brand on Desco
ESD matting. All Desco mat top kits are
permanently marked for your
protection and auditing purposes.
Hardware is not included with rolls.
As a general rule, continuous runs of ESD matting should
be grounded at ten-foot intervals to ensure path-to-ground
and not substantially increasing RTG. Each individual ESD
mat should be grounded with ground snap located no
further than five feet from either end.
© 2005 DESCO INDUSTRIES INC.
Employee Owned



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com