Electronic Components Datasheet Search
  English  ▼

X  

60310 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 60310
Description  60132 Circuit Breaker
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60310 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  60310 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60310 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60310 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60310 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60310 Datasheet HTML 5Page - List of Unclassifed Manufacturers 60310 Datasheet HTML 6Page - List of Unclassifed Manufacturers 60310 Datasheet HTML 7Page - List of Unclassifed Manufacturers 60310 Datasheet HTML 8Page - List of Unclassifed Manufacturers 60310 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
16
© 2002–2008 Schneider Electric All Rights Reserved
03/2008
Multi 9
System Catalog
Section 2—UL and CSA Rated Protection Devices
•
D curve: Overcurrent protection for loads with high inrush currents (motors, transformers).
Magnetic release operates between 10 and 14 times ampere rating (no dc rating for D curve).
•
Suitable for reverse feeding.
•
Allows locking in O-OFF position using padlock attachment.
Connections
Three versions of field wiring connectors are available for the 240 Vac UL 489 Listed devices:
•
Box lug, meeting UL 486A requirements
•
Ring tongue terminal with 5 mm screw
•
Ring Tongue terminals with Fingersafe (IP20) shrouds
The circuit breakers can be ordered with the following combinations of connectors:
•
Line terminal box lug/load terminal box lug
•
Line terminal ring tongue/load terminal ring tongue (for fingersafe version, add -F suffix to catalog
number)
•
Line terminal box lug/load terminal ring tongue
Standards
•
UL 489 Circuit Breaker: File No. E215117
•
Single pole 15–20 A is UL Listed as SWD (switching duty).
•
1-, 2-, and 3-pole 15–35 A are HID (high intensity discharge) rated.
•
CSA C22.2 No. 5.1 Circuit Breakers: File No. 179014
•
IEC 60947-2
•
CE Marked
Figure 5:
Connection Options for 240 Vac UL 489 Listed Devices
Box Lug
Box Lug
Ring
Tongue
Ring
Tongue
Box Lug
Ring
Tongue
Fingersafe
Ring
Tongue
Fingersafe
Ring
Tongue



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com