Electronic Components Datasheet Search
  English  ▼

X  

60134 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 60134
Description  60132 Circuit Breaker
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60134 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  60134 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60134 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60134 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60134 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60134 Datasheet HTML 5Page - List of Unclassifed Manufacturers 60134 Datasheet HTML 6Page - List of Unclassifed Manufacturers 60134 Datasheet HTML 7Page - List of Unclassifed Manufacturers 60134 Datasheet HTML 8Page - List of Unclassifed Manufacturers 60134 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Multi 9
System Catalog
Section 2—UL and CSA Rated Protection Devices
17
03/2008
© 2002–2008 Schneider Electric All Rights Reserved
Catalog Numbers
NOTE: UL 489 Listed Multi 9 circuit breakers are calibrated at 25°C (77°F). Please refer to the rating
tables (page 80) for applications at temperatures greater than 25°C (77°F).
NOTE: The NEC requires that the continuous load applied to the circuit breaker shall not exceed 80%
of the circuit breaker ampere rating.
Table 5:
Catalog Numbers for C Curve, UL 489 Listed 240 Vac C60 Miniature Circuit
Breakers (Box Lug and Ring Tongue Terminal Combinations)
Rating
1P
2P
3P
Box/Box
Ring/Ring1
1
IP-20 Fingersafe ring tongue terminals may be ordered with an F suffix (example: 60210F)
Box/Ring
Box/Box
Ring/Ring1
Box/Ring
Box/Box
Ring/Ring1
Box/Ring
0.5 A
1 A
1.5 A
60100
60101
60102
60200
60201
60202
60300
60301
60302
60134
60135
60136
60234
60235
60236
60334
60335
60336
—
60168
60169
—
60268
60269
—
60368
60369
2 A
3 A
4 A
60103
60104
60105
60203
60204
60205
60303
60304
60305
60137
60138
60139
60237
60238
60239
60337
60338
60339
60170
60171
60172
60270
60271
60272
60370
60371
60372
5 A
6 A
7 A
60106
60107
60108
60206
60207
60208
60306
60307
60308
60140
60141
60142
60240
60241
60242
60340
60341
60342
60173
60174
60175
60273
60274
60275
60373
60374
60375
8 A
10 A
13 A
60109
60110
60111
60209
60210
60211
60309
60310
60311
60143
60144
60145
60243
60244
60245
60343
60344
60345
60176
60177
60178
60276
60277
60278
60376
60377
60378
15 A
20 A
25 A
60112
60113
60114
60212
60213
60214
60312
60313
60314
60146
60147
60148
60246
60247
60248
60346
60347
60348
60179
60180
60181
60279
60280
60281
60379
60380
60381
30 A
35 A
60115
60116
60215
60216
60315
60316
60149
60150
60249
60250
60349
60350
60182
60183
60282
60283
60382
60383
Table 6:
Catalog Numbers for D Curve, UL 489 Listed 240 Vac C60 Miniature Circuit
Breakers (Line/Load as Box Lug or Ring Tongue Terminals)
Rating
1P
2P
3P
Box/Box
Ring/Ring1
1
IP-20 Fingersafe ring tongue terminals may be ordered with an F suffix (example: 60210F)
Box/Ring
Box/Box
Ring/Ring1
Box/Ring
Box/Box
Ring/Ring1
Box/Ring
0.5 A
1 A
1.5 A
60117
60118
60119
60217
60218
60219
60317
60318
60319
60151
60152
60153
60251
60252
60253
60351
60352
60353
—
60184
60185
—
60284
60285
—
60384
60385
2 A
3 A
4 A
60120
60121
60122
60220
60221
60222
60320
60321
60322
60154
60155
60156
60254
60255
60256
60354
60355
60356
60186
60187
60188
60286
60287
60288
60386
60387
60388
5 A
6 A
7 A
60123
60124
60125
60223
60224
60225
60323
60324
60325
60157
60158
60159
60257
60258
60259
60357
60358
60359
60189
60190
60191
60289
60290
60291
60389
60390
60391
8 A
10 A
13 A
60126
60127
60128
60226
60227
60228
60326
60327
60328
60160
60161
60162
60260
60261
60262
60360
60361
60362
60192
60193
60194
60292
60293
60294
60392
60393
60394
15 A
20 A
25 A
60129
60130
60131
60229
60230
60231
60329
60330
60331
60163
60164
60165
60263
60264
60265
60363
60364
60365
60195
60196
60197
60295
60296
60297
60395
60396
60397
30 A
35 A
60132
60133
60232
60233
60332
60333
60166
60167
60266
60267
60366
60367
60198
60199
60298
60299
60398
60399



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com