Electronic Components Datasheet Search
  English  ▼

X  

66086 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 66086
Description  STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

66086 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  66086 Datasheet HTML 1Page - List of Unclassifed Manufacturers 66086 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCO WEST: 3651 WALNUT AVE., CHINO, CA 91710 WEB SITE: www.desco.com
PHONE (909) 627-8178 FAX (909) 627-7449
DESCO EAST: 90 HUDSON RD, CANTON, MA 02021-1407
PHONE (781) 821-8370 FAX (781) 575-0172
DATE:
4/05
© 2005 DESCO INDUSTRIES INC.
Employee Owned
MATERIAL TYPE T2
DRAWING PM-104
STATFREE® MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060" (1.5mm)
Electrical Properties:
Property
Test Method
Value
RTT Resistance:
ESD S4.1
106 - 108 Ohms
RTG Resistance:
ESD S4.1
106 - 108 Ohms
Charge Decay:
FTMS 101C, Method 4046
0.01seconds
Electrical Properties obtained by testing to industrial standards by an
independent testing laboratory @ 100 Volts and 50% relative humidity unless
otherwise specified. Complete text of the test report is available upon request.
Specifications:
Construction:
Dual-layer rubber material
Thickness:
0.060" (1.5mm)
Color:*
Blue, Dark Blue, Dark Grey, Beige (top), Black (bottom)
Texture:*
Slight embossed
Weight:
0.43 lbs./sq. ft. (0.2g/cm2)
Hardness:
65 ± 5 Shore “A”, per ASTM-D2240
Heat Resistance:
Does not melt or burn when coming into contact with hot solder and soldering irons.
Chemical Resistance: Resistance to degradation by inorganic acids, organic acids, reducing agents, aliphatic hydrocarbons,
mineral oil, aldehydes, and amines
*Color and texture may vary between lots and mills
Grounding: This material must be properly grounded for optimum electrical performance. Ask for Technical Bulleltin TB-2000
for mat grounding instructions.
Cleaning: Use only ESD mat cleaner such as Reztore™ Surface & Mat Cleaner to clean and extend mat useful life. Do not
use cleaners contaiing silicone as silicone will create an insulative film on the surface. Do not sue solvent based cleaners
as solvents will dry out matting and may cause curling.
Description:
Statfree® Type T2 meets the worksurface requirements of ANSI/ESD S20.20 and EIA-625. This material
is a dual purpose rubber matting material. The two layer construction allows it to be used as a dissipative
or a conductive matting product. The soft dissipative layer makes an excellent table mat, ideal for use in
soldering and assembly areas. This rubber material has superior resistance to heat, abrasion, chemicals, and
is easy to clean and maintain. Statfree® Type T2 material will not melt and does not burn when coming into
contact with hot metal parts or soldering debris. It is amine, chloride, sulfide, alumina, and magnesia free.
Statfree® Type T2 is suitable for use with continuous monitors.
Statfree® Type T2 is manufactured without any ozone depleting substances, and in accordance with
the Montreal Protocol.
See reverse side for available
mat and roll sizes.
BLUE, DARK GREY,
BEIGE, DARK BLUE
Disclaimer:
All statements, technical data, and recommendations
contained herein are based upon tests we believe to
be reliable. However, the accuracy or completeness
thereof is not guaranteed. The proper and correct
applications of products and data is the responsibility
of the user. Statements or recommendations not
contained herein shall have no force or effect unless
embodied in a written agreement signed by
authorized offers of Desco Industries, Inc.
Made in America
Limited Lifetime Warranty:
Desco warrants for one year that
Statfree® matting products will be free
of defects in materials and workman-
ship and will guarantee dissipative/
conductive mat properties for the life of
the mat. Damage to matting caused by
misuse of any kind, including using
inappropriate cleaners is not covered
by Desco Limited Warranty.
Tolerances:
Width +/- .250"
Length +/- .250" every 1
linear foot of running material.


Similar Part No. - 66086

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66083 MICROPAC-66083 Datasheet
90Kb / 2P
High gain, high voltage transistor
66088 MICROPAC-66088 Datasheet
86Kb / 2P
SINGLE/DUAL, HIGH SPEED OPTOCOUPLER
logo
Tyco Electronics
66088-2 MACOM-66088-2 Datasheet
162Kb / 1P
CONTACT, DUO-TYNE TM FLAG
logo
Anaren Microwave
66089 ANAREN-66089 Datasheet
165Kb / 1P
Anaren Integrated Radio
66089-0430 ANAREN-66089-0430 Datasheet
165Kb / 1P
Anaren Integrated Radio
More results

Similar Description - 66086

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16251 ETC2-16251 Datasheet
108Kb / 1P
STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
16260 ETC2-16260 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
12350 ETC2-12350 Datasheet
271Kb / 2P
STATFREE FOAM, CONDUCTIVE
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
16214 ETC2-16214 Datasheet
108Kb / 1P
STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" and .060"||" "559183
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
16270 ETC2-16270 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" (2.5MM)
66121 ETC2-66121 Datasheet
38Kb / 2P
STATFREE T2 MATERIAL, LEAD-FREE, DISSIPATIVE, RUBBER, 2-LAYER
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com